전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

740X043564JP 데이터시트(PDF) 4 Page - CTS Corporation

부품명 740X043564JP
상세설명  Chip Resistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

740X043564JP 데이터시트(HTML) 4 Page - CTS Corporation

  740X043564JP Datasheet HTML 1Page - CTS Corporation 740X043564JP Datasheet HTML 2Page - CTS Corporation 740X043564JP Datasheet HTML 3Page - CTS Corporation 740X043564JP Datasheet HTML 4Page - CTS Corporation 740X043564JP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
February 2008
CTS Electronic Components
www.ctscorp.com
A
B
C
D
Recommended Land Patterns
Environmental Performance Specifications
Max. Delta R
Test
740
741
742-746
Test Description
Thermal Cycle
1.00% 1.00% 1.00%
5 Cycles -55°C to +125°C
Short Time Overload
2.00% 2.50% 1.00%
2½ X Rated Working Voltage for 5 Seconds
Moisture Resistance
2.00% 5.00% 2.00%
240 Hours 10% rated load, -10°C to +65°C, 90% R.H.
High Temperature Exposure 3.00% 1.00% 1.00%
1000 Hours, no load, +125°C
Load Life
3.00% 5.00% 2.00%
1000 Hours @ 70°C, rated load
Resistance to Solder Heat
1.00% 2.50% 1.00%
10 Seconds @ 260°C solder
Resistance to Solvents
Isopropyl alcohol, Freon TMC
Solderability
RMA Flux, 230°C, 5 Seconds dip, 95% coverage
DIMENSIONS mm/in
SERIES
A
B
C
D
0.60
0.50
0.30
0.30
740
0.023
0.019
0.012
0.012
1.00
0.65
0.33
0.50
741X043
0.039
0.026
0.013
0.020
1.00
0.50
0.30
0.50
741X083
0.039
0.020
0.012
0.020
1.00
0.50
0.28
0.50
741C083
0.039
0.020
0.011
0.020
1.60
0.50
0.30
0.80
741X163
0.063
0.020
0.012
0.031
1.60
0.80
0.50
0.90
742
0.063
0.032
0.020
0.035
2.00
1.27
0.80
1.00
743
0.079
0.050
0.031
0.051
3.20
1.27
0.80
1.00
744
0.126
0.050
0.031
0.039
3.20
1.27
0.90
1.30
745
0.126
0.050
0.035
0.039
1.65
0.64
0.35
0.80
746
0.065
0.025
0.014
0.032


유사한 부품 번호 - 740X043564JP

제조업체부품명데이터시트상세설명
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
182Kb / 4P
   Low Cost
740X043 CTS-740X043 Datasheet
182Kb / 4P
   Chip Resistor Arrays
More results

유사한 설명 - 740X043564JP

제조업체부품명데이터시트상세설명
logo
CTS Corporation
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
logo
CTS Corporation
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com