전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAX227M06013 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 TAX227M06013
상세설명  Commercial Types TAT for CLR79 and TAX for CLR81
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TAX227M06013 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TAX227M06013 Datasheet HTML 4Page - List of Unclassifed Manufacturers TAX227M06013 Datasheet HTML 5Page - List of Unclassifed Manufacturers TAX227M06013 Datasheet HTML 6Page - List of Unclassifed Manufacturers TAX227M06013 Datasheet HTML 7Page - List of Unclassifed Manufacturers TAX227M06013 Datasheet HTML 8Page - List of Unclassifed Manufacturers TAX227M06013 Datasheet HTML 9Page - List of Unclassifed Manufacturers TAX227M06013 Datasheet HTML 10Page - List of Unclassifed Manufacturers TAX227M06013 Datasheet HTML 11Page - List of Unclassifed Manufacturers TAX227M06013 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Wet Tantalum - CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Performance Testing
Seal: MIL-STD-202 - Method 112
Conditions A, or D, and C
Specified Pulse Shock Test: MIL-STD-202 - Method 213 includes the following:
Condition D (500g’s)
Mount the capacitor by its body securely on a fixture taking special care not to squeeze the leads.
While testing apply DC rated voltage. Record whether open or short circuiting, arching, or intermittent contact
occurs. Use detecting equipment capable of detecting a disruption at a period of time up to 0.5 ms.
At the conclusion of testing examine the capacitors for evidence of arcing, breakdown, or mechanical damage.
Thermal Shock: MIL-STD-202 – Method 107, Condition A (with step 3 at +125°C).
In accordance with MIL-PRF-39006, the following shall apply:.
Take measurements before and after cycling.
Take measurements at 15-minute intervals at 300 cycles (Group C).
Take final measurements at room temperature.
High Frequency Vibration: MIL-STD-202 - Method 204 includes the following:
Condition H (80g’s)
Mount the capacitor body securely on a fixture with the leads firmly supported.
Apply DC rated voltage while measuring specific electrical load conditions.
The vibration duration is 4 hours in two perpendicular directions for an overall time of 8 hours.
Take measurements during the last cycle vibration to determine open, short-circuiting or intermittent operation.
Use detecting equipment capable of detecting a disruption at a period of time of 0.5ms or greater. Assess the
units for mechanical damage and test for these electrical requirements:.
o
DC Leakage — Not greater than 1.25 initial limit
o
Capacitance — No change greater than ±5% of the initial limit
o
DF — Not greater than 1.15 of initial limit
Random Vibration: MIL-STD-202 – Method 214
Test condition II-K (51 g’s)
Salt atmosphere: MIL-STD-202 – Method 101
Condition B 48 hours
Solderability: MIL-STD-202 – Method 208
Test both terminations with the insertion depth of flux and solder within .062" of welded seam.
Lead Terminal Strength:
Pull Test: MIL-STD-202 – Method 211, condition A
Wire-lead bend: Per MIL-PRF-39006.
During the test securely clamp the capacitor body. Apply a force of 3 pounds or 1.4 kg for 30 seconds.
Moisture resistance: MIL-STD-202- Method 106, which includes the following:
Mount the capacitor body securely on a fixture taking special care not to squeeze the leads.
Apply 6 volts, polarizing and load voltage
At the time of the capacitors complete their final cycle remove them from the humidity chamber and measure
per MIL-PRF-30006 for DC Leakage, dissipation factor, and capacitance.
o
DCL: 125% (Maximum) of +25°C value of standard ratings table
o
∆Cap: Within ±8% of initial measurement
o
DF: 115% (maximum) of initial requirement


유사한 설명 - TAX227M06013

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
300074 VISHAY-300074 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
   Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
Revison: 28-Aug-12
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
   Designed and qualified for commercial level
Revision: 09-Sep-11
logo
Panasonic Semiconductor
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Panasonic Semiconductor
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com