전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD0810J50100A00 데이터시트(PDF) 4 Page - Anaren Microwave

부품명 BD0810J50100A00
상세설명  Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD0810J50100A00 데이터시트(HTML) 4 Page - Anaren Microwave

  BD0810J50100A00 Datasheet HTML 1Page - Anaren Microwave BD0810J50100A00 Datasheet HTML 2Page - Anaren Microwave BD0810J50100A00 Datasheet HTML 3Page - Anaren Microwave BD0810J50100A00 Datasheet HTML 4Page - Anaren Microwave BD0810J50100A00 Datasheet HTML 5Page - Anaren Microwave BD0810J50100A00 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model BD0810J50100A00
Rev. C
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased
footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique
dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
No Bias Footprint
0805 Standard Mounting Footprint
Dimensions are in Inches [Millimeters]
.029
[0.73]
6X .002
[0.05]
6X .011
[0.27]
4X .012
[0.30]
Plated thru
hole to
ground
3X Transmission
Line
Circuit Pattern
Footprint Pad (s)
Solder Resist
6X .014
[0.35]
Part Orientation (Top View)
DC Bias Footprint
DC Bias
.026
[0.66]
4X .012
[0.30]
6X .013
[0.33]
6X .016
[0.35]
Part Orientation (Top View)
0805 DC Bias Mounting Footprint
Dimensions are in Inches [Millimeters]
6X .002
[0.05]
Plated thru
hole to
ground
3X Transmission
Line
Circuit Pattern
Footprint Pad (s)
Solder Resist


유사한 부품 번호 - BD0810J50100A00

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD0810J50100AHF ANAREN-BD0810J50100AHF Datasheet
195Kb / 6P
   Ultra Low Profile 0805 Balun 50 to 100 Balanced
More results

유사한 설명 - BD0810J50100A00

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD1631J50100A00 ANAREN-BD1631J50100A00 Datasheet
300Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
BD2425J5050A00 ANAREN-BD2425J5050A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
BD2130J5050A00 ANAREN-BD2130J5050A00 Datasheet
297Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
BD0810J50150A00 ANAREN-BD0810J50150A00 Datasheet
227Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
BD0810J50200A00 ANAREN-BD0810J50200A00 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1222J50200A00 ANAREN-BD1222J50200A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD2425J50200A00 ANAREN-BD2425J50200A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD0826J50200A00 ANAREN-BD0826J50200A00 Datasheet
316Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
BD1722J50150A00 ANAREN-BD1722J50150A00 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 150廓 Balanced
BD1722J50200A00 ANAREN-BD1722J50200A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 200廓 Balanced
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com