전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

BD1631J50100A00 데이터시트(Datasheet) 3 Page - Anaren Microwave

부품명 BD1631J50100A00
상세내용  Ultra Low Profile 0805 Balun 50Ω to 100Ω Balanced
PDF  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo 

   
 3 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD1631J50100A00
Rev B
Typical Performance: 2.4 GHz. to 2.5 GHz.




Html 페이지

1  2  3  4  5  6 


데이터시트



관련 부품명

부품명상세내용Html View제조사
BD0810J50100A00Ultra Low Profile 0805 Balun 50Ω to 100Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD0810J50150A00Ultra Low Profile 0805 Balun 50Ω to 150Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD0810J50200A00Ultra Low Profile 0805 Balun 50Ω to 200Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD0826J50200A00Ultra Low Profile 0805 Balun 50Ω to 200Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
BD1222J50200A00Ultra Low Profile 0805 Balun 50Ω to 200Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
B4859A53Ultra Small Low Profile 0603 Balun 50Ω to 100Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
B0922J7575A00Ultra Low Profile 0805 Balun 75Ω to 75Ω Balanced 1 2 3 4 5 Anaren Microwave
B0922J7575A50Ultra Low Profile 0805 Balun 75Ω to 75Ω Balanced 1 2 3 4 5 MoreAnaren Microwave
PD1722J5050S3Ultra Low Profile 0805 Power Divider 3 Way 50Ω to 50Ω 1 2 3 4 5 MoreAnaren Microwave
C0810J5003A00Ultra Low Profile 0805 3 dB 90° Hybrid Coupler 1 2 3 4 5 MoreAnaren Microwave

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl