전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M93C46-WDW3TG 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M93C46-WDW3TG
상세설명  16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-WDW3TG 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M93C46-WDW3TG Datasheet HTML 6Page - STMicroelectronics M93C46-WDW3TG Datasheet HTML 7Page - STMicroelectronics M93C46-WDW3TG Datasheet HTML 8Page - STMicroelectronics M93C46-WDW3TG Datasheet HTML 9Page - STMicroelectronics M93C46-WDW3TG Datasheet HTML 10Page - STMicroelectronics M93C46-WDW3TG Datasheet HTML 11Page - STMicroelectronics M93C46-WDW3TG Datasheet HTML 12Page - STMicroelectronics M93C46-WDW3TG Datasheet HTML 13Page - STMicroelectronics M93C46-WDW3TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Operating features
M93C86, M93C76, M93C66, M93C56, M93C46
10/37
3
Operating features
3.1
Supply voltage (VCC)
3.1.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied. In order to secure a stable
DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor
(usually of the order of 10 nF to 100 nF) close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
3.1.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. During this time, the Chip
Select (S) line is not allowed to float and should be driven to VSS, it is therefore
recommended to connect the S line to VSS via a suitable pull-down resistor.
The VCC rise time must not vary faster than 1 V/µs.
3.1.3
Power-up and device reset
In order to prevent inadvertent Write operations during power-up, a power on reset (POR)
circuit is included. At power-up (continuous rise of VCC), the device does not respond to any
instruction until VCC has reached the power on reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 9, Table 10 and Table 11).
When VCC passes the POR threshold, the device is reset and is in the following state:
Standby Power mode
deselected (assuming that there is a pull-down resistor on the S line)
3.1.4
Power-down
At power-down (continuous decrease in VCC), as soon as VCC drops from the normal
operating voltage to below the power on reset threshold voltage, the device stops
responding to any instruction sent to it.
During power-down, the device must be deselected and in the Standby Power mode (that is,
there should be no internal Write cycle in progress).


유사한 부품 번호 - M93C46-WDW3TG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M93C46-WDW3TG STMICROELECTRONICS-M93C46-WDW3TG Datasheet
331Kb / 37P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C46-WDW3TG/S STMICROELECTRONICS-M93C46-WDW3TG/S Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C46-WDW3TG/W STMICROELECTRONICS-M93C46-WDW3TG/W Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
More results

유사한 설명 - M93C46-WDW3TG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C86 STMICROELECTRONICS-M93C86_10 Datasheet
649Kb / 37P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide)
logo
OKI electronic componet...
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_07 Datasheet
351Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE짰 serial access EEPROM
M93C86-125 STMICROELECTRONICS-M93C86-125 Datasheet
248Kb / 32P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com