전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD0922J7575D2 데이터시트(PDF) 4 Page - Anaren Microwave

부품명 PD0922J7575D2
상세설명  Ultra Low Profile 0805 Power Divider 75廓 to 75廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

PD0922J7575D2 데이터시트(HTML) 4 Page - Anaren Microwave

  PD0922J7575D2 Datasheet HTML 1Page - Anaren Microwave PD0922J7575D2 Datasheet HTML 2Page - Anaren Microwave PD0922J7575D2 Datasheet HTML 3Page - Anaren Microwave PD0922J7575D2 Datasheet HTML 4Page - Anaren Microwave PD0922J7575D2 Datasheet HTML 5Page - Anaren Microwave PD0922J7575D2 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model PD0922J7575D2
Rev D
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
An example of the PCB footprint used in the testing of these parts is shown below. In specific designs, the
transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying
pick and place equipment tolerances. In addition, since the PD0922J7575D2 is a Wilkinson power divider, external
0402 150Ω and 300Ω resistors must be mounted in locations R1 and R2 respectively, as shown in the Figure below.
Pad Footprint w/ 0402 Resistor Locations
Mounting Footprint
Dimensions are in Inches [Millimeters]
.026
[0.66]
6X .013
[0.33]
4X .012
[0.30]
Plated thru
hole to
ground
3X Transmission
Line
Circuit Pattern
Footprint Pad (s)
Solder Resist
6X .014
[0.35]
R2
R1


유사한 부품 번호 - PD0922J7575D2

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
PD0922J7575D2 ANAREN-PD0922J7575D2 Datasheet
354Kb / 7P
   Ultra Low Profile 0805 Power Divider
PD0922J7575D2HF ANAREN-PD0922J7575D2HF Datasheet
359Kb / 5P
   Ultra Low Profile 0805 Power Divider
PD0922J7575D2 ANAREN-PD0922J7575D2_14 Datasheet
354Kb / 7P
   Ultra Low Profile 0805 Power Divider
More results

유사한 설명 - PD0922J7575D2

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
PD0409J7575S2 ANAREN-PD0409J7575S2_14 Datasheet
229Kb / 7P
   Ultra Low Profile 0805 Power Divider 75廓 to 75廓
PD0409J7575S2 ANAREN-PD0409J7575S2 Datasheet
223Kb / 6P
   Ultra Low Profile 0805 Power Divider 75廓 to 75廓
PD0922J5075D2 ANAREN-PD0922J5075D2 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 75廓
B0922J7575A50 ANAREN-B0922J7575A50 Datasheet
223Kb / 6P
   Ultra Low Profile 0805 Balun 75廓 to 75廓 Balanced
B0922J7575A00 ANAREN-B0922J7575A00 Datasheet
213Kb / 5P
   Ultra Low Profile 0805 Balun 75廓 to 75廓 Balanced
PD0810J5050S2 ANAREN-PD0810J5050S2 Datasheet
223Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD3150J5050S2 ANAREN-PD3150J5050S2 Datasheet
225Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD2328J5050AS2 ANAREN-PD2328J5050AS2 Datasheet
229Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD0922J5050D2 ANAREN-PD0922J5050D2 Datasheet
226Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD1722J5050D2 ANAREN-PD1722J5050D2 Datasheet
225Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com