전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD2328J5050AS2 데이터시트(PDF) 4 Page - Anaren Microwave

부품명 PD2328J5050AS2
상세설명  Ultra Low Profile 0805 Power Divider 50廓 to 50廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

PD2328J5050AS2 데이터시트(HTML) 4 Page - Anaren Microwave

  PD2328J5050AS2 Datasheet HTML 1Page - Anaren Microwave PD2328J5050AS2 Datasheet HTML 2Page - Anaren Microwave PD2328J5050AS2 Datasheet HTML 3Page - Anaren Microwave PD2328J5050AS2 Datasheet HTML 4Page - Anaren Microwave PD2328J5050AS2 Datasheet HTML 5Page - Anaren Microwave PD2328J5050AS2 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model PD2328J5050S2
Rev B
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
An example of the PCB footprint used in the testing of these parts is shown below. In specific designs, the
transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying
pick and place equipment tolerances. In addition, since the PD2328J5050S2 is a Wilkinson power divider, an
external 0603 100Ω resistor must be mounted in locations R1 as shown in the Figure below.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
Pad Footprint w/ 0603 Resistor Locations
Mounting Footprint
Dimensions are in Inches [Millimeters]
.026
[0.66]
6X .013
[0.33]
4X .010
[0.25]
Plated thru
holes to
ground
3X Transmission
Line
Circuit Pattern
Footprint Pad (s)
Solder Resist
6X .016
[0.35]
6X .002
[0.05]
R1


유사한 부품 번호 - PD2328J5050AS2

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
PD2328J5050S2HF ANAREN-PD2328J5050S2HF Datasheet
222Kb / 6P
   Ultra Low Profile 0805 Power Divider
More results

유사한 설명 - PD2328J5050AS2

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
PD0810J5050S2 ANAREN-PD0810J5050S2 Datasheet
223Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD3150J5050S2 ANAREN-PD3150J5050S2 Datasheet
225Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD0922J5050D2 ANAREN-PD0922J5050D2 Datasheet
226Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD1722J5050D2 ANAREN-PD1722J5050D2 Datasheet
225Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD1722J5050S2 ANAREN-PD1722J5050S2 Datasheet
203Kb / 5P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD4859J5050S2 ANAREN-PD4859J5050S2 Datasheet
224Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD6080J5050S2 ANAREN-PD6080J5050S2 Datasheet
224Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 50廓
PD0922J5075D2 ANAREN-PD0922J5075D2 Datasheet
228Kb / 6P
   Ultra Low Profile 0805 Power Divider 50廓 to 75廓
PD1722J5050S3 ANAREN-PD1722J5050S3 Datasheet
254Kb / 6P
   Ultra Low Profile 0805 Power Divider 3 Way 50廓 to 50廓
BD2425J5050A00 ANAREN-BD2425J5050A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com