전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC04IE170HV 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STC04IE170HV
상세설명  Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC04IE170HV 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STC04IE170HV Datasheet HTML 3Page - STMicroelectronics STC04IE170HV Datasheet HTML 4Page - STMicroelectronics STC04IE170HV Datasheet HTML 5Page - STMicroelectronics STC04IE170HV Datasheet HTML 6Page - STMicroelectronics STC04IE170HV Datasheet HTML 7Page - STMicroelectronics STC04IE170HV Datasheet HTML 8Page - STMicroelectronics STC04IE170HV Datasheet HTML 9Page - STMicroelectronics STC04IE170HV Datasheet HTML 10Page - STMicroelectronics STC04IE170HV Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Revision history
STC04IE170HV
10/11
4
Revision history
Table 5.
Revision history
Date
Revision
Changes
11-Sep-2006
1
First release.
21-Nov-2006
2
Improved application target.


유사한 부품 번호 - STC04IE170HV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
More results

유사한 설명 - STC04IE170HV

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC06IE170HV STMICROELECTRONICS-STC06IE170HV Datasheet
144Kb / 8P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com