전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB9NC60 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STB9NC60
상세설명  N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?줚I MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NC60 데이터시트(HTML) 5 Page - STMicroelectronics

  STB9NC60 Datasheet HTML 1Page - STMicroelectronics STB9NC60 Datasheet HTML 2Page - STMicroelectronics STB9NC60 Datasheet HTML 3Page - STMicroelectronics STB9NC60 Datasheet HTML 4Page - STMicroelectronics STB9NC60 Datasheet HTML 5Page - STMicroelectronics STB9NC60 Datasheet HTML 6Page - STMicroelectronics STB9NC60 Datasheet HTML 7Page - STMicroelectronics STB9NC60 Datasheet HTML 8Page - STMicroelectronics STB9NC60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STB9NC60 / STPBNC60-1
Normalized Gate Thereshold Voltage vs Temp.
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics


유사한 부품 번호 - STB9NC60

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB9NB50 STMICROELECTRONICS-STB9NB50 Datasheet
93Kb / 8P
   N - CHANNEL ENHANCEMENT MODE Power MESH MOSFET
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
logo
VBsemi Electronics Co.,...
STB9NB60 VBSEMI-STB9NB60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STB9NK50Z STMICROELECTRONICS-STB9NK50Z Datasheet
572Kb / 12P
   N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
June 2002
STB9NK50Z STMICROELECTRONICS-STB9NK50Z Datasheet
580Kb / 13P
   N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
More results

유사한 설명 - STB9NC60

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?줚I MOSFET
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
   N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?줚I MOSFET
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
   N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
STB7NB60 STMICROELECTRONICS-STB7NB60 Datasheet
99Kb / 9P
   N - CHANNEL 600V - 1.0 OMH - 7.2A - I2PAK/D2PAK PowerMESH MOSFET
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
   N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?줚I MOSFET
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com