전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E07DE220 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 E07DE220
상세설명  Hybrid emitter switched bipolar transistor ESBT 2200V - 7A - 0.07??power module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E07DE220 데이터시트(HTML) 3 Page - STMicroelectronics

  E07DE220 Datasheet HTML 1Page - STMicroelectronics E07DE220 Datasheet HTML 2Page - STMicroelectronics E07DE220 Datasheet HTML 3Page - STMicroelectronics E07DE220 Datasheet HTML 4Page - STMicroelectronics E07DE220 Datasheet HTML 5Page - STMicroelectronics E07DE220 Datasheet HTML 6Page - STMicroelectronics E07DE220 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STE07DE220
Electrical characteristics
3/7
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICS(SS)
Collector-source
current (VBS =VGS = 0)
VCS = 2200 V
100
µA
IBS(OS)
Base-source current
(IC =0, VGS = 0)
VBS = 40 V
10
µA
ISB(OS)
Source-base current
(IC =0, VGS = 0)
VSB = 9 V
100
µA
IGS(OS)
Gate-source leakage
(VBS = 0)
VGS = ± 20 V
500
nA
VCS(ON)
Collector-source ON
voltage
VGS = 10 V IC = 7 A
IB = 1.4 A
VGS = 10 V IC = 3.5 A IB = 0.35 A
0.5
0.4
V
V
hFE
DC current gain
VGS = 10 V VCS = 1 V IC = 7 A
VGS = 10 V VCS = 1 V IC = 3.5 A
9
15
VBS(ON)
Base-source ON
voltage
VGS = 10 V IC = 7 A
IB = 1.4 A
VGS = 10 V IC = 3.5 A IB = 0.35 A
1
0.8
V
V
VGS(th)
Gate threshold voltage
VBS = VGS
IB = 250 µA
33.7
4.5
V
Ciss
Input capacitance
(VGS = VCB = 0)
VCS = 25 V f = 1 MHz
t.b.d.
pF
QGS(tot)
Gate-source charge
(VCB = 0)
VCS = 25 V VGS = 10 V
IC = 7 A
t.b.d.
nC
ts
tf
Inductive load
Storage time
Fall time
VGS = 10 V
RG = 47 Ω
VClamp = 1760 V
tp = 4 µs
IC = 3.5 A
IB = 0.7 A
t.b.d.
t.b.d.
ns
ns
ts
tf
Inductive load
Storage time
Fall time
VGS = 10 V
RG = 47 Ω
VClamp = 1760 V
tp = 4 µs
IC = 3 .5 A
IB = 0.35 A
t.b.d.
t.b.d.
ns
ns


유사한 부품 번호 - E07DE220

제조업체부품명데이터시트상세설명
logo
XP Power Limited
E07-5 XPPOWER-E07-5 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E07-5/E07-5CT XPPOWER-E07-5/E07-5CT Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
E075 ETC2-E075 Datasheet
313Kb / 5P
   Industrial Control Transformers
E075E ETC2-E075E Datasheet
313Kb / 5P
   The SBE - Encapsulated, Copper Wound Series
E075W ETC2-E075W Datasheet
313Kb / 5P
   Industrial Control Transformers
More results

유사한 설명 - E07DE220

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC20DE90HP STMICROELECTRONICS-STC20DE90HP Datasheet
281Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STE50DE100 STMICROELECTRONICS-STE50DE100_07 Datasheet
308Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1000V - 50A - 0.026 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STE50DE100 STMICROELECTRONICS-STE50DE100 Datasheet
271Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1000 V - 50 A - 0.026 W POWER MODULE
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com