전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD16NE06L-1 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STD16NE06L-1
상세설명  N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD16NE06L-1 데이터시트(HTML) 2 Page - STMicroelectronics

  STD16NE06L-1 Datasheet HTML 1Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 2Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 3Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 4Page - STMicroelectronics STD16NE06L-1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Rthc-sink
Tl
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
3.75
100
1.5
275
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
16
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25
oC, ID = IAR, VDD = 35 V)
60
mJ
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250
µA
VGS = 0
60
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold
Voltage
VDS = VGS
ID = 250
µA
1
1.7
2.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V
ID = 8 A
VGS = 5V
ID = 8 A
0.07
0.06
0.085
0.07
ID(on)
On State Drain Current VDS > ID(on) x RDS(on)max
VGS = 10 V
16
A
DYNAMIC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (
∗)
Forward
Transconductance
VDS > ID(on) x RDS(on)max
ID =8 A
5
9
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25 V
f = 1 MHz
VGS = 0
800
125
50
1100
170
70
pF
pF
pF
ST16NE06L1
2/5


유사한 부품 번호 - STD16NE06L-1

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STD16NE06L-1 VBSEMI-STD16NE06L-1 Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - STD16NE06L-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
   N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May 2000
STD19NE06L STMICROELECTRONICS-STD19NE06L Datasheet
90Kb / 9P
   N - CHANNEL 60V - 0.038 ohm - 19A - TO-251/TO-252 STripFET POWER MOSFET
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
   N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
   N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com