전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD2S1210 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD2S1210
상세설명  Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD2S1210 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD2S1210 Datasheet HTML 6Page - Analog Devices AD2S1210 Datasheet HTML 7Page - Analog Devices AD2S1210 Datasheet HTML 8Page - Analog Devices AD2S1210 Datasheet HTML 9Page - Analog Devices AD2S1210 Datasheet HTML 10Page - Analog Devices AD2S1210 Datasheet HTML 11Page - Analog Devices AD2S1210 Datasheet HTML 12Page - Analog Devices AD2S1210 Datasheet HTML 13Page - Analog Devices AD2S1210 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD2S1210
Rev. 0 | Page 10 of 36
Pin
No.
Mnemonic
Description
13
DB13/SCLK
Data Bit 13/Serial Clock. In parallel mode, this pin acts as DB13, a three-state data output pin controlled by CS and RD. In
serial mode, this pin acts as the serial clock input.
14 to
17
DB12 to
DB9
Data Bit 12 to Data Bit 9. Three-state data output pins controlled by CS and RD.
18
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface operates.
Decouple this pin to DGND. The voltage range on this pin is 2.3 V to 5.25 V and may be different to the voltage range
at AVDD and DVDD but should never exceed either by more than 0.3 V.
20
DB8
Data Bit 8. Three-state data output pin controlled by CS and RD.
21 to
28
DB7 to DB0
Data Bit 7 to Data Bit 0. Three-state data input/output pins controlled by CS, RD, and WR/FSYNC.
29
A
Incremental Encoder Emulation Output A. Logic output. This output is free running and is valid if the resolver format
input signals applied to the converter are valid.
30
B
Incremental Encoder Emulation Output B. Logic output. This output is free running and is valid if the resolver format
input signals applied to the converter are valid.
31
NM
North Marker Incremental Encoder Emulation Output. Logic output. This output is free running and is valid if the
resolver format input signals applied to the converter are valid.
32
DIR
Direction. Logic output. This output is used in conjunction with the incremental encoder emulation outputs. The DIR
output indicates the direction of the input rotation and is high for increasing angular rotation.
33
RESET
Reset. Logic input. The AD2S1210 requires an external reset signal to hold the RESET input low until VDD is within the
specified operating range of 4.75 V to 5.25 V.
34
LOT
Loss of Tracking. Logic output. LOT is indicated by a logic low on the LOT pin and is not latched. Refer to the Loss of
Position Tracking Detection section.
35
DOS
Degradation of Signal. Logic output. Degradation of signal (DOS) is detected when either resolver input (sine or cosine)
exceeds the specified DOS sine/cosine threshold or when an amplitude mismatch occurs between the sine and
cosine input voltages. DOS is indicated by a logic low on the DOS pin. Refer to the Signal Degradation Detection
section.
36
A1
Mode Select 1. Logic input. A1 in conjunction with A0 allows the mode of the AD2S1210 to be selected. Refer to the
Configuration of AD2S1210 section.
37
A0
Mode Select 0. Logic input. A0 in conjunction with A1 allows the mode of the AD2S1210 to be selected. Refer to the
Configuration of AD2S1210 section.
38
EXC
Excitation Frequency. Analog output. An on-board oscillator provides the sinusoidal excitation signal (EXC) and its
complement signal (EXC) to the resolver. The frequency of this reference signal is programmable via the excitation
frequency register.
39
EXC
Excitation Frequency Complement. Analog output. An on-board oscillator provides the sinusoidal excitation signal
(EXC) and its complement signal (EXC) to the resolver. The frequency of this reference signal is programmable via the
excitation frequency register.
40
AGND
Analog Ground. This pin is the ground reference points for analog circuitry on the AD2S1210. Refer all analog input
signals and any external reference signal to this AGND voltage. Connect the AGND pin to the AGND plane of a
system. The AGND and DGND voltages should ideally be at the same potential and must not be more than 0.3 V
apart, even on a transient basis.
41
SIN
Positive Analog Input of Differential SIN/SINLO Pair. The input range is 2.3 V p-p to 4.0 V p-p.
42
SINLO
Negative Analog Input of Differential SIN/SINLO Pair. The input range is 2.3 V p-p to 4.0 V p-p.
43
AVDD
Analog Supply Voltage, 4.75 V to 5.25 V. This pin is the supply voltage for all analog circuitry on the AD2S1210. The
AVDD and DVDD voltages ideally should be at the same potential and must not be more than 0.3 V apart, even on a
transient basis.
44
COSLO
Negative Analog Input of Differential COS/COSLO Pair. The input range is 2.3 V p-p to 4.0 V p-p.
45
COS
Positive Analog Input of Differential COS/COSLO Pair. The input range is 2.3 V p-p to 4.0 V p-p.
46
REFBYP
Reference Bypass. Connect reference decoupling capacitors at this pin. Typical recommended values are 10 μF and 0.01 μF.
47
REFOUT
Voltage Reference Output.
48
RES0
Resolution Select 0. Logic input. RES0 in conjunction with RES1 allows the resolution of the AD2S1210 to be
programmed. Refer to the Configuration of AD2S1210 section.


유사한 부품 번호 - AD2S1210

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1210-EP AD-AD2S1210-EP Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210ASTZ AD-AD2S1210ASTZ Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1210BSTZ AD-AD2S1210BSTZ Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1210CSTZ AD-AD2S1210CSTZ Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
More results

유사한 설명 - AD2S1210

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210-10 AD-AD2S1210-10 Datasheet
544Kb / 37P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
   12-Bit R/D Converter with Reference Oscillator
Rev. PrB_10/06
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com