전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM2487EBRWZ-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADM2487EBRWZ-REEL7
상세설명  2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM2487EBRWZ-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADM2487EBRWZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM2487EBRWZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM2487EBRWZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM2487EBRWZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM2487EBRWZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM2487EBRWZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM2487EBRWZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM2487EBRWZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM2487EBRWZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM2482E/ADM2487E
Rev. 0 | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
All voltages are relative to their respective ground; TA = 25°C,
unless otherwise noted.
Table 6.
Parameter
Rating
VDD1
−0.5 V to +6 V
VDD2
−0.5 V to +6 V
Digital Input Voltages (DE, RE, TxD)
−0.5 V to VDD1 + 0.5 V
Digital Output Voltages
RxD
−0.5 V to VDD1 + 0.5 V
D1, D2
13 V
Driver Output/Receiver Input Voltage
−9 V to +14 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +150°C
Average Output Current per Pin
−35 mA to +35 mA
ESD (Human Body Model) on A, B, Y
and Z pins
±15 kV
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


유사한 부품 번호 - ADM2487EBRWZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2487EBRWZ-REEL7 AD-ADM2487EBRWZ-REEL7 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
More results

유사한 설명 - ADM2487EBRWZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2482E AD-ADM2482E_V01 Datasheet
670Kb / 20P
   2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com