전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP121CB-2.0-EVALZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADP121CB-2.0-EVALZ
상세설명  150 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP121CB-2.0-EVALZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADP121CB-2.0-EVALZ Datasheet HTML 3Page - Analog Devices ADP121CB-2.0-EVALZ Datasheet HTML 4Page - Analog Devices ADP121CB-2.0-EVALZ Datasheet HTML 5Page - Analog Devices ADP121CB-2.0-EVALZ Datasheet HTML 6Page - Analog Devices ADP121CB-2.0-EVALZ Datasheet HTML 7Page - Analog Devices ADP121CB-2.0-EVALZ Datasheet HTML 8Page - Analog Devices ADP121CB-2.0-EVALZ Datasheet HTML 9Page - Analog Devices ADP121CB-2.0-EVALZ Datasheet HTML 10Page - Analog Devices ADP121CB-2.0-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP121
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
1.804
1.802
1.800
1.798
1.796
1.794
1.792
1.790
1.788
1.786
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
VOUT = 1.8V
VIN = 2.3V
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 150mA
Figure 5. Output Voltage vs. Junction Temperature
1.806
1.804
1.802
1.800
1.798
1.796
1.794
0.001
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 1.8V
VIN = 2.3V
TA = 25°C
Figure 6. Output Voltage vs. Load Current
1.806
1.804
1.802
1.800
1.798
1.796
1.794
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
VOUT = 1.8V
TA = 25°C
Figure 7. Output Voltage vs. Input Voltage
40
35
30
25
20
15
10
5
0
–40°C
–5°C
25°C
85°C
125°C
TJ (°C)
VOUT = 1.8V
VIN = 2.3V
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 150mA
Figure 8. Ground Current vs. Junction Temperature
35
30
25
20
15
10
5
0
0.001
0.01
0.1
1
10
100
1000
ILOAD (mA)
VOUT = 1.8V
VIN = 2.3V
TA = 25°C
Figure 9. Ground Current vs. Load Current
35
30
25
20
15
10
5
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
VOUT = 1.8V
TA = 25°C
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 150mA
Figure 10. Ground Current vs. Input Voltage


유사한 부품 번호 - ADP121CB-2.0-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP121CB-2.0-EVALZ AD-ADP121CB-2.0-EVALZ Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
More results

유사한 설명 - ADP121CB-2.0-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com