전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP120CB-1.2-EVALZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADP120CB-1.2-EVALZ
상세설명  100 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP120CB-1.2-EVALZ 데이터시트(HTML) 3 Page - Analog Devices

  ADP120CB-1.2-EVALZ Datasheet HTML 1Page - Analog Devices ADP120CB-1.2-EVALZ Datasheet HTML 2Page - Analog Devices ADP120CB-1.2-EVALZ Datasheet HTML 3Page - Analog Devices ADP120CB-1.2-EVALZ Datasheet HTML 4Page - Analog Devices ADP120CB-1.2-EVALZ Datasheet HTML 5Page - Analog Devices ADP120CB-1.2-EVALZ Datasheet HTML 6Page - Analog Devices ADP120CB-1.2-EVALZ Datasheet HTML 7Page - Analog Devices ADP120CB-1.2-EVALZ Datasheet HTML 8Page - Analog Devices ADP120CB-1.2-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP120
Rev. A | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.4 V) or 2.3 V, whichever is greater; EN = VIN, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
2.3
5.5
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 μA
11
μA
IOUT = 0 μA, TJ = −40°C to +125°C
21
μA
IOUT = 10 mA
15
μA
IOUT = 10 mA, TJ = −40°C to +125°C
29
μA
IOUT = 100 mA
22
μA
IOUT = 100 mA, TJ = −40°C to +125°C
35
μA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.1
μA
EN = GND, TJ = −40°C to +125°C
1.5
μA
FIXED OUTPUT VOLTAGE ACCURACY
VOUT
IOUT = 10 mA
−1
+1
%
100 μA < IOUT < 100 mA, VIN = (VOUT + 0.4 V) to 5.5 V
−2
+2
%
100 μA < IOUT < 100 mA, VIN = (VOUT + 0.4 V) to 5.5 V,
TJ = −40°C to +125°C
−2.5
+2.5
%
REGULATION
Line Regulation
∆VOUT/∆VIN
VIN = (VOUT + 0.4 V) to 5.5 V, IOUT = 1 mA,
TJ = −40°C to +125°C
−0.03
+0.03
%/ V
Load Regulation1
∆VOUT/∆IOUT
IOUT = 1 mA to 100 mA
0.001
%/mA
IOUT = 1 mA to 100 mA, TJ = −40°C to +125°C
0.005
%/mA
DROPOUT VOLTAGE2
VDROPOUT
VOUT = 3.3 V
TSOT
IOUT = 10 mA
8
mV
IOUT = 10 mA, TJ = −40°C to +125°C
12
mV
IOUT = 100 mA
80
mV
IOUT = 100 mA, TJ = −40°C to +125°C
120
mV
WLCSP
IOUT = 10 mA
6
mV
IOUT = 10 mA, TJ = −40°C to +125°C
9
mV
IOUT = 100 mA
60
mV
IOUT = 100 mA, TJ = −40°C to +125°C
90
mV
START-UP TIME3
tSTART-UP
VOUT = 3.3 V
120
μs
CURRENT LIMIT THRESHOLD4
ILIMIT
110
180
350
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.3 V ≤ VIN ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.3 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN = VIN or GND
0.05
μA
EN = VIN or GND, TJ = −40°C to +125°C
1
μA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLORISE
TJ = −40°C to +125°C
2.25
V
Input Voltage Falling
UVLOFALL
TJ = −40°C to +125°C
1.5
V
Hysteresis
UVLOHYS
120
mV
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
65
μV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.5 V
52
μV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 1.2 V
40
μV rms


유사한 부품 번호 - ADP120CB-1.2-EVALZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ADP1201 ETC-ADP1201 Datasheet
72Kb / 4P
   PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results

유사한 설명 - ADP120CB-1.2-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP130 AD-ADP130 Datasheet
491Kb / 20P
   350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
   100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com