전자부품 데이터시트 검색엔진 |
|
930C4W2K-F 데이터시트(PDF) 2 Page - Cornell Dubilier Electronics |
|
930C4W2K-F 데이터시트(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 3 page 2 CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Type 930 Polypropylene Film Capacitors Catalog Part Number D Max. L +0.062 (1.5) ESR Maximum Ripple Current (Amps rms) at 20 kHz Cap. 20-100 kHz dV/dt Case Temperature (µF) Inches (mm) Inches (mm) (milliohms) (V/µs) +25 ºC +35 ºC +45 ºC +55 ºC +65 ºC +75 ºC +85 ºC 100 Vdc (70 Vac) 1.20 930C1W1P2K–F .454 (11.5) 1.000 (25.4) 24 14 5.7 5.3 4.9 4.4 3.8 3.0 2.8 1.50 930C1W1P5K–F .500 (12.7) 1.000 (25.4) 20 14 6.1 5.5 5.1 4.6 4.0 3.2 3.1 1.80 930C1W1P8K–F .541 (13.7) 1.000 (25.4) 19 14 6.3 5.7 5.3 4.8 4.1 3.4 3.0 2.00 930C1W2K–F .486 (12.3) 1.250 (31.7) 18 10 6.5 6.0 5.5 4.9 4.2 3.5 3.2 2.20 930C1W2P2K–F .507 (12.9) 1.250 (31.7) 18 10 6.8 6.3 5.7 2.1 4.4 3.6 3.3 2.70 930C1W2P7K–F .554 (14.1) 1.250 (31.7) 17 10 7.1 6.5 6.0 5.3 4.6 3.7 3.4 3.00 930C1W3K–F .581 (14.8) 1.250 (31.7) 16 10 7.3 6.7 6.2 5.5 4.8 3.9 3.5 3.30 930C1W3P3K–F .606 (15.4) 1.250 (31.7) 16 10 7.4 6.8 6.4 5.6 4.9 4.0 3.6 3.90 930C1W3P9K–F .654 (16.6) 1.250 (31.7) 15 10 7.6 6.9 6.6 5.8 5.1 4.1 3.7 4.00 930C1W4K–F .537 (13.6) 1.750 (44.4) 15 6 7.8 7.0 6.7 5.9 5.2 4.2 3.8 4.70 930C1W4P7K–F .577 (14.7) 1.750 (44.4) 15 6 8.1 7.4 6.8 6.0 5.3 4.3 3.9 5.00 930C1W5K–F .593 (15.1) 1.750 (44.4) 14 6 8.3 7.6 7.0 6.2 5.4 4.4 4.0 5.60 930C1W5P6K–F .624 (15.8) 1.750 (44.4) 14 6 8.4 7.7 7.1 6.4 5.5 4.5 4.1 6.00 930C1W6K–F .644 (16.4) 1.750 (44.4) 14 6 8.5 7.8 7.2 6.5 5.6 4.6 4.2 6.80 930C1W6P8K–F .682 (17.3) 1.750 (44.4) 13 6 8.5 8.0 7.4 6.7 5.7 4.7 4.3 8.00 930C1W8K–F .735 (18.7) 1.750 (44.4) 13 6 8.6 8.3 7.7 6.8 6.0 4.8 4.4 8.20 930C1W8P2K–F .743 (18.9) 1.750 (44.4) 13 6 8.8 8.6 8.0 7.0 6.1 4.9 4.5 10.00 930C1W10K–F .815 (20.7) 1.750 (44.4) 12 6 9.0 9.0 8.5 7.6 6.6 5.4 4.9 250 Vdc (175 Vac) .10 930C2P1K–F .315 (8.0) .750 (19.0) --- 37 .12 930C2P12K–F .315 (8.0) .750 (19.0) --- 37 .15 930C2P15K–F .335 (8.5) .750 (19.0) --- 37 .18 930C2P18K–F .353 (9.0) .750 (19.0) --- 37 .22 930C2P22K–F .335 (8.5) 1.000 (25.4) --- 21 .27 930C2P27K–F .335 (8.5) 1.000 (25.4) --- 21 .33 930C2P33K–F .362 (9.2) 1.000 (25.4) --- 21 .39 930C2P39K–F .389 (9.9) 1.000 (25.4) --- 21 .47 930C2P47K–F .422 (10.7) 1.000 (25.4) 35 21 3.8 3.7 3.6 3.4 2.9 2.4 1.7 .56 930C2P56K–F .464 (11.8) 1.000 (25.4) 33 21 3.9 3.8 3.7 3.5 3.1 2.5 1.8 .68 930C2P68K–F .472 (12.0) 1.250 (31.7) 32 15 4.0 3.9 3.8 3.7 3.2 2.6 1.9 .82 930C2P82K–F .471 (12.0) 1.250 (31.7) 31 15 4.2 4.1 4.0 3.9 3.4 2.8 2.0 1.00 930C2W1K–F .513 (13.0) 1.260 (32.0) 28 15 4.4 4.4 4.4 4.4 4.3 3.5 3.2 1.20 930C2W1P2K–F .554 (14.1) 1.260 (32.0) 27 15 4.7 4.6 4.5 5.0 4.5 3.7 3.3 1.50 930C2W1P5K–F .613 (15.6) 1.260 (32.0) 26 15 5.1 5.0 4.9 4.4 4.7 3.9 3.5 1.80 930C2W1P8K–F .667 (16.9) 1.250 (31.7) 25 15 5.9 5.8 5.7 5.7 5.0 4.1 3.7 2.00 930C2W2K–F .700 (17.8) 1.250 (31.7) 21 15 7.2 7.2 6.8 6.0 5.2 4.3 3.9 2.20 930C2W2P2K–F .650 (16.5) 1.750 (44.4) 20 9 8.4 7.5 7.0 6.3 5.4 4.5 4.1 2.70 930C2W2P7K–F .669 (17.0) 1.750 (44.4) 19 9 8.6 7.8 7.3 6.6 5.7 4.7 4.3 3.00 930C2W3K–F .703 (17.8) 1.750 (44.4) 18 9 9.0 8.3 7.6 6.8 5.9 4.8 4.4 3.30 930C2W3P3K–F .734 (18.6) 1.750 (44.4) 18 9 9.0 8.4 7.8 7.0 6.0 4.9 4.5 3.90 930C2W3P9K–F .794 (20.2) 1.750 (44.4) 17 9 9.0 8.5 8.0 7.2 6.2 5.0 4.6 4.00 930C2W4K–F .803 (20.4) 1.750 (44.4) 16 9 9.0 8.5 8.2 7.4 6.3 5.1 4.7 4.70 930C2W4P7K–F .866 (22.0) 1.750 (44.4) 16 9 9.0 8.8 8.5 7.7 6.6 5.3 4.9 5.00 930C2W5K–F .892 (22.6) 1.750 (44.4) 15 9 9.0 9.0 8.8 7.9 6.8 5.6 5.1 5.60 930C2W5P6K–F .941 (23.9) 1.750 (44.4) 15 9 9.0 9.0 8.9 8.0 7.0 5.8 5.3 6.00 930C2W6K–F .972 (24.7) 1.750 (44.4) 15 9 9.0 9.0 9.0 8.2 7.2 5.9 5.5 6.80 930C2W6P8K–F .882 (22.4) 2.250 (57.1) 15 9 9.0 9.0 9.0 8.4 7.4 6.0 5.6 8.00 930C2W8K–F .953 (24.2) 2.250 (57.1) 14 9 9.0 9.0 9.0 8.7 7.8 6.3 5.8 8.20 930C2W8P2K–F .964 (24.5) 2.250 (57.1) 14 9 9.0 9.0 9.0 8.8 7.9 6.4 5.9 10.00 930C2W10K–F 1.060 (26.9) 2.250 (57.1) 13 9 9.0 9.0 9.0 9.0 8.3 6.8 6.2 |
유사한 부품 번호 - 930C4W2K-F |
|
유사한 설명 - 930C4W2K-F |