전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCA1206C224M-H1 데이터시트(PDF) 2 Page - Cornell Dubilier Electronics

부품명 FCA1206C224M-H1
상세설명  Acrylic Surface Mount Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDE [Cornell Dubilier Electronics]
홈페이지  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCA1206C224M-H1 데이터시트(HTML) 2 Page - Cornell Dubilier Electronics

  FCA1206C224M-H1 Datasheet HTML 1Page - Cornell Dubilier Electronics FCA1206C224M-H1 Datasheet HTML 2Page - Cornell Dubilier Electronics FCA1206C224M-H1 Datasheet HTML 3Page - Cornell Dubilier Electronics FCA1206C224M-H1 Datasheet HTML 4Page - Cornell Dubilier Electronics FCA1206C224M-H1 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type FCA Acrylic Surface Mount Film Capacitors
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Specifications
Moisture Resistance:
After 500 hours with rated voltage applied at +40 ºC and
90 to 95% RH, the capacitor will meet the following limits:
C = +20/–3% of the initial measured value
DF
2.25% (at 1 kHz)
IR > 100M
Ω (C
0.33 µF)
IR > 30M
µF(C > 0.33 µF)
Dielectric Strength: Capacitor will withstand 130%
of the rated voltage for 1 minute.
Life Test:
Apply 125% of the rated DC working voltage at 85 ºC
for 1000 hours, and then stabilize them to +20 ºC.
Capacitors will meet the following limits:
C = +7%/–20% of the initial measured value
DF
1.65% (at 1 kHz)
IR > 300M
Ω (C
0.33 µF)
IR > 100M
µF(C > 0.33 µF)
Ratings
Catalog Part
Maximum Current
Capacitance
Number
dv/dt 10kHz
20kHz
50kHz
100kHz 200kHz 500kHz
1MHz
(µF)
(V/µs) (Arms) (Arms)
(Arms)
(Arms)
(Arms)
(Arms)
(Arms)
10 Vdc
1.00
FCA1206A105M-H3
3
0.60
0.76
1.05
1.220
1.35
1.43
1.43
16 Vdc
.10
FCA0805C104M-J2
19
0.15
0.21
0.3
0.375
0.46
0.58
0.65
.15
FCA1206C154M-H1
15
0.21
0.28
0.37
0.450
0.54
0.62
0.68
.22
FCA1206C224M-H1
13
0.25
0.33
0.45
0.550
0.66
0.76
0.84
.33
FCA1206C334M-H2
10
0.35
0.45
0.61
0.740
0.84
0.94
1.00
.47
FCA1206C474M-H3
7
0.39
0.52
0.71
0.860
1.00
1.10
1.17
.68
FCA1206C684M-H3
5
0.48
0.625
0.85
1.040
1.19
1.31
1.34
1.00
FCA1210C105M-G2
3
0.60
0.78
1.05
1.250
1.38
1.46
1.46
Outline Drawing
Outline Dimensions
Part Number
Case
Inches
Millmeters
Suffix
Code
L
W
H
S
L
W
H
S
(±.008in.) (±.008in.) (±.008in.) (±.012in.) (±0.2mm) (±0.2mm) (±0.2mm) (±0.3mm)
J2
0805
0.079
0.049
0.039
0.018
2.0
1.25
1.0
0.45
H1
1206
0.126
0.063
0.032
0.026
3.2
1.60
0.8
0.65
H2
1206
0.126
0.063
0.039
0.026
3.2
1.60
1.0
0.65
H3
1206
0.126
0.063
0.055
0.026
3.2
1.60
1.4
0.65
G2
1210
0.126
0.098
0.055
0.026
3.2
2.50
1.4
0.65
Cornell Dubilier 1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com


유사한 부품 번호 - FCA1206C224M-H1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FCA1206C224M-H1 ETC2-FCA1206C224M-H1 Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA1206C224M-H1 ETC2-FCA1206C224M-H1 Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA1206C224M-H1 CDE-FCA1206C224M-H1 Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
More results

유사한 설명 - FCA1206C224M-H1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
NIC-Components Corp.
NSPH NIC-NSPH Datasheet
508Kb / 6P
   Multilayer Acrylic Polymer Film Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results


Html Pages

1 2 3 4 5