전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12FA131J-F 데이터시트(PDF) 5 Page - Cornell Dubilier Electronics

부품명 MC12FA131J-F
상세설명  Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDE [Cornell Dubilier Electronics]
홈페이지  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC12FA131J-F 데이터시트(HTML) 5 Page - Cornell Dubilier Electronics

  MC12FA131J-F Datasheet HTML 1Page - Cornell Dubilier Electronics MC12FA131J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC12FA131J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC12FA131J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC12FA131J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC12FA131J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC12FA131J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC12FA131J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC12FA131J-F Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Types MC and MCN Multilayer RF Capacitors
5
Typical Performance Curves
Typical Mica Chip Q
1
10
100
1000
10000
1
10
100
1000
10000
Frequency (MHz)
Q
1pF/100V MC08
10pF/100V MC08
100pF/500V MC12
470pF/500V MC18
470pF/1000V MC22
1000pF/1000V MC22
82906b
Type MC Typical Q vs. Frequency
Mica Chip Impedance
0.1
1
10
100
1000
10000
100000
1000000
1
10
100
1000
10000
Frequency (MHz)
82906a
1pF/100V MC08
10pF/100V MC08
100pF/500V MC12
470pF/500V MC18
470pF/1000V MC22
1000pF/1000V MC22
Type MC Typical Impedance vs. Frequency


유사한 부품 번호 - MC12FA131J-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
MC12FA131J-F CDE-MC12FA131J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

유사한 설명 - MC12FA131J-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
MCN CDE-MCN Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
Cornell Dubilier Electr...
MCH38FM100D-Y CDE-MCH38FM100D-Y Datasheet
842Kb / 6P
   Multilayer High RF Power Capacitors
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG620JDHT TAIYO-YUDEN-QVS212CG620JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG3R3BCHT TAIYO-YUDEN-QVS107CG3R3BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R2CCHT TAIYO-YUDEN-QVS107CG2R2CCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG1R5BCHT TAIYO-YUDEN-QVS107CG1R5BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R4BCHT TAIYO-YUDEN-QVS107CG2R4BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R7CCHT TAIYO-YUDEN-QVS107CG2R7CCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com