전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12FA151J-F 데이터시트(PDF) 7 Page - Cornell Dubilier Electronics

부품명 MC12FA151J-F
상세설명  Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDE [Cornell Dubilier Electronics]
홈페이지  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC12FA151J-F 데이터시트(HTML) 7 Page - Cornell Dubilier Electronics

  MC12FA151J-F Datasheet HTML 1Page - Cornell Dubilier Electronics MC12FA151J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC12FA151J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC12FA151J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC12FA151J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC12FA151J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC12FA151J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC12FA151J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC12FA151J-F Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Types MC and MCN Multilayer RF Capacitors
7
Quality Factor (Q) is as fol-
lows when measured at 1 MHz
Insulation Resistance is no less
than 100 G
Ω when measured at 100
Vdc
Withstanding voltage is two
times the rated voltage between 5
seconds and without damage: with
50 mA or less current.
Life Test: Subject capacitors to
125 ºC ±3 ºC with 1.5 times rated
voltage applied for 2000 (+72, –0)
hours. There will be no visual dam-
age and the capacitors will meet the
limits of the table below.
Vibration Resistance: Subject
the capacitors to simple harmonic
motion with an amplitude of 0.06
inches; vary the frequency uniformly
from 10 to 55 Hz and return to 10 Hz,
all in one minute. Repeat that cycle
continuously for two hours in
Temperature Coefficient and
Drift: Measure the capacitors’ ca-
pacitance at 25 ºC, –55 ºC, 25 ºC, 125
ºC and at 25 ºC — all ±3 ºC — after
stabilizing at each temperature. The
capacitor will meet the limits of the
Characteristic table in Ordering In-
formation.
Heat Resistance: Subject the
capacitors to 125 ±2 ºC for 2 (+1,–0)
hours. Then the insulation resistance
will be no less than 5G
Ω.
Solderability: After 2 ±0.5 sec-
onds in molten solder with Sn-PB
between molten and solder at 235 ±5
ºC, solder coverage will be no less
than 75% when examined at 10X
magnification for flow soldering.
Solder Heat Resistance: Sub-
ject the capacitors to molten solder
at 250±5 ºC for 5±0.5 seconds after
10 to 30 seconds pre-heating at 80
to 120 ºC. There will be no visual
damage and the capacitors will meet
the limits of the table below.
After-Test Limits
Test
Withstand
Insulation
Capacitance
DF
Q
Voltage
Resistance
(whichever >)
Life Test
IL
IL
IV ±2% or ±.5 pF
150% max IL
2/3 x IL
Vibration Resistance
IL
30 GΩ
IV ±1% or ±1 pF
IL
IL
Bending Test
IL
IV ±.5% or ±1 pF
IL
Moisture Res.
IL
30 GΩ
IV ±3% or ±.5 pF
150% max IL
2/3 x IL
Solderability
IL
IL
IL
IL
IL
Heat Resistance
5 GΩ
Solder Heat Res.
IL
30 GΩ
IV ±.5% or ±1 pF
IL
IL
Capacitance
Min. Q
Range
1 to 80 pF
500 to 3000
>80 pF
3000
Specifications
each of three mutually perpendicular
directions. There will be no visual
damage and the capacitors will meet
the limits of the table below.
B
ending Test: Mount the capaci-
tor as shown below and press the ram
bar until a 2.0 mm deflection is
achieved. There will be no visual
damage and the capacitors will meet
the limits of methods JIS 5102 8.11
and AEC-Q200-005 without crack-
ing or visual damage.
Moisture Resistance: Subject
the capacitors to 40 ±2 ºC at 90 to
95% humidity for 500 (+24, –0)
hours. Return to room ambient for
24 hours. There will be no visual
damage and the capacitors will meet
the limits of the table below.


유사한 부품 번호 - MC12FA151J-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
MC12FA151J-F CDE-MC12FA151J-F Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

유사한 설명 - MC12FA151J-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
MCN CDE-MCN Datasheet
562Kb / 10P
   High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
Cornell Dubilier Electr...
MCH38FM100D-Y CDE-MCH38FM100D-Y Datasheet
842Kb / 6P
   Multilayer High RF Power Capacitors
logo
Taiyo Yuden (U.S.A.), I...
QVS212CG620JDHT TAIYO-YUDEN-QVS212CG620JDHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG3R3BCHT TAIYO-YUDEN-QVS107CG3R3BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R2CCHT TAIYO-YUDEN-QVS107CG2R2CCHT Datasheet
283Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG1R5BCHT TAIYO-YUDEN-QVS107CG1R5BCHT Datasheet
284Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R4BCHT TAIYO-YUDEN-QVS107CG2R4BCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
QVS107CG2R7CCHT TAIYO-YUDEN-QVS107CG2R7CCHT Datasheet
285Kb / 2P
   High Frequency Medium-High Voltage Multilayer Ceramic Capacitors for Automotive
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com