전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-80C32E-30-E 데이터시트(PDF) 11 Page - AIMTEC

부품명 MC-80C32E-30-E
상세설명  Rad. Tolerant 8-bit ROMless Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

MC-80C32E-30-E 데이터시트(HTML) 11 Page - AIMTEC

Back Button MC-80C32E-30-E Datasheet HTML 7Page - AIMTEC MC-80C32E-30-E Datasheet HTML 8Page - AIMTEC MC-80C32E-30-E Datasheet HTML 9Page - AIMTEC MC-80C32E-30-E Datasheet HTML 10Page - AIMTEC MC-80C32E-30-E Datasheet HTML 11Page - AIMTEC MC-80C32E-30-E Datasheet HTML 12Page - AIMTEC MC-80C32E-30-E Datasheet HTML 13Page - AIMTEC MC-80C32E-30-E Datasheet HTML 14Page - AIMTEC MC-80C32E-30-E Datasheet HTML 15Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
80C32E
4149M–AERO–06/03
Figure 5. I
CC Test Condition, Power-down Mode
Figure 6. Clock Signal Waveform for I
CC Tests in Active and Idle Modes
RST
EA
XTAL2
XTAL1
VSS
VCC
V
CC
I
CC
(NC)
P0
V
CC
All other pins are disconnected.
Reset = Vss after a high pulse
during at least 24 clock cycles
V
CC-0.5V
0.45V
0.7V
CC
0.2VCC-0.1
TCLCH
TCHCL
T
CLCH = TCHCL = 5ns.


유사한 부품 번호 - MC-80C32E-30-E

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
MC-80C32E-30-E ATMEL-MC-80C32E-30-E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
MC-80C32E-30-E ATMEL-MC-80C32E-30-E Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
More results

유사한 설명 - MC-80C32E-30-E

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com