전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS87C51RC2-LIB 데이터시트(PDF) 10 Page - ATMEL Corporation

부품명 TS87C51RC2-LIB
상세설명  High Performance 8-bit Microcontroller
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C51RC2-LIB 데이터시트(HTML) 10 Page - ATMEL Corporation

Back Button TS87C51RC2-LIB Datasheet HTML 6Page - ATMEL Corporation TS87C51RC2-LIB Datasheet HTML 7Page - ATMEL Corporation TS87C51RC2-LIB Datasheet HTML 8Page - ATMEL Corporation TS87C51RC2-LIB Datasheet HTML 9Page - ATMEL Corporation TS87C51RC2-LIB Datasheet HTML 10Page - ATMEL Corporation TS87C51RC2-LIB Datasheet HTML 11Page - ATMEL Corporation TS87C51RC2-LIB Datasheet HTML 12Page - ATMEL Corporation TS87C51RC2-LIB Datasheet HTML 13Page - ATMEL Corporation TS87C51RC2-LIB Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
10
TS8xC51Rx2
4188A–8051–10/02
Pin
PLCC68
SQUARE VQFP64 1.4
P3.2
40
29
P3.3
41
30
P3.4
42
31
P3.5
43
32
P3.6
45
34
P3.7
47
36
RESET
30
21
ALE/PROG
68
56
PSEN
67
55
EA/VPP
2
58
XTAL1
49
38
XTAL2
48
37
P4.0
20
11
P4.1
24
15
P4.2
26
17
P4.3
44
33
P4.4
46
35
P4.5
50
39
P4.6
53
42
P4.7
57
46
P5.0
60
49
P5.1
62
51
P5.2
63
52
P5.3
7
62
P5.4
8
63
P5.5
10
1
P5.6
13
4
P5.7
16
7


유사한 부품 번호 - TS87C51RC2-LIB

제조업체부품명데이터시트상세설명
logo
International Rectifier
TS87C51RC2-LIB IRF-TS87C51RC2-LIB Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS87C51RC2-LIB ATMEL-TS87C51RC2-LIB Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results

유사한 설명 - TS87C51RC2-LIB

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com