전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7492AR-5 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7492AR-5
상세설명  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7492AR-5 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7492AR-5 Datasheet HTML 4Page - Analog Devices AD7492AR-5 Datasheet HTML 5Page - Analog Devices AD7492AR-5 Datasheet HTML 6Page - Analog Devices AD7492AR-5 Datasheet HTML 7Page - Analog Devices AD7492AR-5 Datasheet HTML 8Page - Analog Devices AD7492AR-5 Datasheet HTML 9Page - Analog Devices AD7492AR-5 Datasheet HTML 10Page - Analog Devices AD7492AR-5 Datasheet HTML 11Page - Analog Devices AD7492AR-5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
AD7492
–8–
–Typical Performance Characteristics
INPUT FREQUENCY – kHz
60
0
500
1000
1500
2000
2500
61
62
63
64
65
66
67
68
69
70
71
3V
5V
TPC 1. Typical SNR+D vs. Input Tone
INPUT FREQUENCY – kHz
50
100
200
350
1000
2000
55
60
65
70
75
80
85
90
95
500
3V
5V
TPC 2. Typical THD vs. Input Tone
SUPPLY – Volts
69.00
3.00
2.50
3.50
4.00
4.50
5.00
5.50
69.20
69.40
69.60
69.80
70.00
70.20
70.40
70.60
+125 C
+85 C
+25 C
–40 C
–55 C
TPC 3. Typical SNR vs. Supply
FREQUENCY – Hz
–120
0
100000
–100
–80
–60
–40
–20
0
200000
300000
400000
500000
600000
TPC 4. Typical SNR @ 500 kHz Input Tone
FREQUENCY – Hz
–3.5
1
100000
10
100
1000
10000
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
5V
TPC 5. Typical Bandwidth
VCC RIPPLE FREQUENCY – kHz
–120
0
100
0
–100
–80
–60
–40
–20
516
10
20 26 31 36 41 46 51 57 61 67 72 77 82 88 92 97
3
8 13 18 23 28 34 39 44 49 54 59 64 69 74 80 84 89 94
VCC = 5V
100mV p-p SINEWAVE ON VCC
fSAMPLE = 1MHz, fIN = 100kHz
TPC 6. Typical Power Supply Rejection Ratio (PSRR)


유사한 부품 번호 - AD7492AR-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7492AR-5-REEL7 AD-AD7492AR-5-REEL7 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492AR-5-REEL7 AD-AD7492AR-5-REEL7 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
More results

유사한 설명 - AD7492AR-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7492ARZ AD-AD7492ARZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com