전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC251G1DXXX-16CED 데이터시트(PDF) 8 Page - TEMIC Semiconductors

부품명 TSC251G1DXXX-16CED
상세설명  Extended 8-bit Microcontroller with Serial Communication
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMIC [TEMIC Semiconductors]
홈페이지  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC251G1DXXX-16CED 데이터시트(HTML) 8 Page - TEMIC Semiconductors

Back Button TSC251G1DXXX-16CED Datasheet HTML 4Page - TEMIC Semiconductors TSC251G1DXXX-16CED Datasheet HTML 5Page - TEMIC Semiconductors TSC251G1DXXX-16CED Datasheet HTML 6Page - TEMIC Semiconductors TSC251G1DXXX-16CED Datasheet HTML 7Page - TEMIC Semiconductors TSC251G1DXXX-16CED Datasheet HTML 8Page - TEMIC Semiconductors TSC251G1DXXX-16CED Datasheet HTML 9Page - TEMIC Semiconductors TSC251G1DXXX-16CED Datasheet HTML 10Page - TEMIC Semiconductors TSC251G1DXXX-16CED Datasheet HTML 11Page - TEMIC Semiconductors TSC251G1DXXX-16CED Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
TSC87251G1A
8
Rev. A
September 21, 1998
6. Address Spaces
The TSC87251G1A implements four different address spaces:
D On–chip EPROM/OTPROM program/code memory
D On–chip RAM data memory
D Special Function Registers (SFRs)
D Configuration array
6.1. Program/Code Memory
The TSC87251G1A implements 16 Kbytes of on–chip EPROM/OTPROM for program/code memory. Figure 4 shows
the split of the internal and external program/code memory spaces. If EA# is tied to a high level, the 16–Kbyte on–chip
program/code memory is mapped in the lower part of segment FF: where the C251 core jumps after reset. The rest of
the program/code memory space is mapped to the external memory. If EA# is tied to a low level, the internal
program/code memory is not used and all the accesses are directed to the external memory.
FF:3FFFh
FF:0000h
FD:FFFFh
02:0000h
Reserved
On–chip Memory
EPROM/OTPROM Code
Program/code
Segments
Program/code
External Memory Space
FF:FFFFh
FF:4000h
FE:0000h
01:FFFFh
01:0000h
00:0000h
00:FFFFh
FE:FFFFh
EA#= 1
16 Kbytes
48 Kbytes
16 Kbytes
64 Kbytes
128 Kbytes
EA#= 0
Figure 4. Program/Code Memory Mapping
Notes:
Special care should be taken when the Program Counter (PC) increments:
– If the program executes exclusively from on–chip code memory (not from external memory), beware of executing code from the upper eight bytes of
the on–chip EPROM (FF:3FF8h–FF:3FFFFh). Because of its pipeline capability, the TSC87251G1A may attempt to prefetch code from external
memory (at an address above FF:3FFFFh) and thereby disrupt I/O Ports 0 and 2. Fetching code constants from these 8 bytes does not affect Ports 0
and 2.
– When PC reaches the end of segment FF:, it loops to the reset address FF:0000h (for compatibility with the C51 Architecture). When PC increments
beyond the end of segment FE:, it continues at the reset address FF:0000h (linearity). When PC increments beyond the end of segment 01:, it loops to
the beginning of segment 00: (this prevents from its going into the reserved area).


유사한 부품 번호 - TSC251G1DXXX-16CED

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC251G2DXXX-16CB ATMEL-TSC251G2DXXX-16CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24CB ATMEL-TSC251G2DXXX-24CB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24CE ATMEL-TSC251G2DXXX-24CE Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24IA ATMEL-TSC251G2DXXX-24IA Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC251G2DXXX-24IB ATMEL-TSC251G2DXXX-24IB Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

유사한 설명 - TSC251G1DXXX-16CED

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
NXP Semiconductors
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
logo
Intel Corporation
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_14 Datasheet
6Mb / 369P
   8-bit Microcontroller with 128Kbytes
logo
NXP Semiconductors
PCF84C85A PHILIPS-PCF84C85A Datasheet
115Kb / 20P
   Microcontroller with extended I/O
1996 Nov 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com