전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STE53NC50 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STE53NC50
상세설명  N-CHANNEL 500V - 0.070ohm - 53A ISOTOP PowerMesh?줚I MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE53NC50 데이터시트(HTML) 1 Page - STMicroelectronics

  STE53NC50 Datasheet HTML 1Page - STMicroelectronics STE53NC50 Datasheet HTML 2Page - STMicroelectronics STE53NC50 Datasheet HTML 3Page - STMicroelectronics STE53NC50 Datasheet HTML 4Page - STMicroelectronics STE53NC50 Datasheet HTML 5Page - STMicroelectronics STE53NC50 Datasheet HTML 6Page - STMicroelectronics STE53NC50 Datasheet HTML 7Page - STMicroelectronics STE53NC50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
May 2002
STE53NC50
N-CHANNEL 500V - 0.070
Ω - 53A ISOTOP
PowerMesh™II MOSFET
(1) ISD≤ 53A, di/dt≤100 A/µs, VDD≤ 24V, Tj≤TjMAX
n
TYPICAL RDS(on) = 0.07 Ω
n
EXTREMELY HIGH dv/dt CAPABILITY
n
100% AVALANCHE TESTED
n
NEW HIGH VOLTAGE BENCHMARK
n
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns swithing speed, gate
charge and ruggedness.
APPLICATIONS
n
HIGH CURRENT, HIGH SPEED SWITCHING
n
SWITH MODE POWER SUPPLIES (SMPS)
n
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STE53NC50
500V
< 0.08
53 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
53
A
ID
Drain Current (continuos) at TC = 100°C
33
A
IDM (l)
Drain Current (pulsed)
212
A
PTOT
Total Dissipation at TC = 25°C
460
W
Derating Factor
3.68
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
VISO
Insulation Winthstand Voltage (AC-RMS)
2500
V
Tstg
Storage Temperature
– 65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
ISOTOP
INTERNAL SCHEMATIC DIAGRAM


유사한 부품 번호 - STE53NC50

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STE53NA50 STMICROELECTRONICS-STE53NA50 Datasheet
88Kb / 7P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
New Jersey Semi-Conduct...
STE53NA50 NJSEMI-STE53NA50 Datasheet
218Kb / 4P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
More results

유사한 설명 - STE53NC50

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
   N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?줚I MOSFET
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
   N-CHANNEL 500V - 2.2ohm - 4A D2PAK PowerMesh?줚I MOSFET
STE38NB50 STMICROELECTRONICS-STE38NB50 Datasheet
280Kb / 8P
   N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
STU13NC50 STMICROELECTRONICS-STU13NC50 Datasheet
258Kb / 8P
   N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh?줚I MOSFET
STE38NB50F STMICROELECTRONICS-STE38NB50F Datasheet
89Kb / 8P
   N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?줚I MOSFET
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
   N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh?줚I MOSFET
STD2NC50 STMICROELECTRONICS-STD2NC50 Datasheet
442Kb / 10P
   N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com