전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ389L 데이터시트(PDF) 3 Page - Hitachi Metals, Ltd

부품명 2SJ389L
상세설명  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI-METALS [Hitachi Metals, Ltd]
홈페이지  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

2SJ389L 데이터시트(HTML) 3 Page - Hitachi Metals, Ltd

  2SJ389L Datasheet HTML 1Page - Hitachi Metals, Ltd 2SJ389L Datasheet HTML 2Page - Hitachi Metals, Ltd 2SJ389L Datasheet HTML 3Page - Hitachi Metals, Ltd 2SJ389L Datasheet HTML 4Page - Hitachi Metals, Ltd 2SJ389L Datasheet HTML 5Page - Hitachi Metals, Ltd 2SJ389L Datasheet HTML 6Page - Hitachi Metals, Ltd 2SJ389L Datasheet HTML 7Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
40
30
20
10
0
50
100
150
200
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
–200
–100
–20
–50
–10
–2
–5
–1
–0.2
–0.5
–1
–2
–5
–10 –20
–50 –100
Operation in
this area is
limited by R DS(on)
Ta = 25 °C
10
µs
DC
Operation
(Tc
=
25
°C)
1 ms
100
µs
PW
=
10
ms
(1shot)
–20
–16
–12
–8
–4
0
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
–10 V
–5 V
Pulse Test
V
= –2.5 V
GS
–3.5 V
–4.5 V
–3 V
–4 V
–4
–8
–12
–16
–20
–10
–8
–6
–4
–2
0
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
Tc = –25 °C
75 °C
25 °C
–1
–2
–3
–4
–5
V
= –10 V
Pulse Test
DS
2SJ389 L , 2SJ389 S


유사한 부품 번호 - 2SJ389L

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
2SJ389L VBSEMI-2SJ389L Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
More results

유사한 설명 - 2SJ389L

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com