전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVXC3245MTR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 74LVXC3245MTR
상세설명  OCTAL DUAL SUPPLY BUS TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVXC3245MTR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button 74LVXC3245MTR Datasheet HTML 2Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 3Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 4Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 5Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 6Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 7Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 8Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 9Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74LVXC3245
6/14
Table 9: AC Electrical Characteristics (CL = 50pF, Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
3) Typical values referred at VCCA = 3.3V, VCCB = 5.0V or VCCA = 3.3V, VCCB = 3.3V
(*) Voltage Range is 3.0V
± 0.3
(**) Voltage Range is 5.0V
± 0.5
Symbol
Parameter
Test Condition
Value (3)
Unit
VCCB
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
Propagation Delay
Time (An to Bn)
3.0(*)
1.0
5.5
8.5
1.0
9.0
1.0
9.5
ns
5.0(**)
1.0
4.8
8.0
1.0
8.5
1.0
9.
tPHL
Propagation Delay
Time (An to Bn)
3.0(*)
1.0
5.2
8.0
1.0
8.5
1.0
9.0
5.0(**)
1.0
3.9
6.5
1.0
7.0
1.0
7.5
tPZL
Output Enable
Time (G to Bn)
3.0(*)
1.0
6.0
9.0
1.0
9.5
1.0
9.5
ns
5.0(**)
1.0
4.7
8.0
1.0
8.5
1.0
8.5
tPZH
Output Enable
Time (G to Bn)
3.0(*)
1.0
6.1
9.5
1.0
10.0
1.0
10.5
5.0(**)
1.0
4.8
8.5
1.0
9.0
1.0
9.5
tPLZ
Output Disable
Time (G to Bn)
3.0(*)
1.0
6.3
9.5
1.0
10.0
1.0
10.5
ns
5.0(**)
1.0
4.0
8.0
1.0
8.5
1.0
8.5
tPHZ
Output Disable
Time (G to Bn)
3.0(*)
1.0
4.5
8.0
1.0
8.5
1.0
8.5
5.0(**)
1.0
3.8
7.5
1.0
8.0
1.0
8.5
tPLH
Propagation Delay
Time (Bn to An)
3.0(*)
1.0
4.4
7.0
1.0
7.5
1.0
7.5
ns
5.0(**)
1.0
3.8
6.5
1.0
7.0
1.0
7.5
tPHL
Propagation Delay
Time (Bn to An)
3.0(*)
1.0
5.1
7.5
1.0
8.0
1.0
8.5
5.0(**)
1.0
4.3
7.5
1.0
8.0
1.0
8.5
tPZL
Output Enable
Time (G to An)
3.0(*)
1.0
6.4
10.0
1.0
10.5
1.0
10.5
ns
5.0(**)
1.0
5.9
9.5
1.0
10.0
1.0
10.5
tPZH
Output Enable
Time (G to An)
3.0(*)
1.0
5.8
9.0
1.0
9.5
1.0
9.5
5.0(**)
1.0
5.4
9.0
1.0
9.5
1.0
9.5
tPLZ
Output Disable
Time (G to An)
3.0(*)
1.0
5.2
9.5
1.0
10.0
1.0
10.5
ns
5.0(**)
1.0
4.6
9.5
1.0
10.0
1.0
10.5
tPHZ
Output Disable
Time (G to An)
3.0(*)
1.0
3.4
6.5
1.0
7.0
1.0
7.5
5.0(**)
1.0
3.1
6.5
1.0
7.0
1.0
7.5
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
3.0(*)
0.5
1.0
1.5
1.5
ns
5.0(**)
0.5
1.0
1.5
1.5


유사한 부품 번호 - 74LVXC3245MTR

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245MTC ONSEMI-74LVXC3245MTC Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
Fairchild Semiconductor
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results

유사한 설명 - 74LVXC3245MTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com