전자부품 데이터시트 검색엔진 |
|
STGW30NB60HD 데이터시트(PDF) 2 Page - STMicroelectronics |
|
STGW30NB60HD 데이터시트(HTML) 2 Page - STMicroelectronics |
2 / 8 page THERMAL DATA Rthj-case Rthj-amb Rthc-h Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Thermal Resistance Case-heat sink Typ 0.66 30 0.1 oC/W oC/W oC/W ELECTRICAL CHARACTERISTICS (Tj =25 oC unless otherwise specified) OFF Symbol Parameter Test Conditions Min. Typ. Max. Unit VBR(CES) Collector-Emitt er Breakdown Voltage IC =250 µAVGE = 0 600 V ICES Collector cut-of f (VGE =0) VCE =Max Rating Tj =25 oC VCE =Max Rating Tj =125 oC 250 2000 µA µA IGES Gat e-Emitter Leakage Current (VCE =0) VGE = ± 20 V VCE =0 ± 100 nA ON ( ∗) Symbol Parameter Test Conditions Min. Typ. Max. Unit VGE(th) Gat e Threshold Voltage VCE =VGE IC = 250 µA3 5 V VCE(SAT ) Collector-Emitt er Sat uration Voltage VGE =15 V IC =30 A VGE =15 V IC =30 A Tj = 125 oC 2.2 1.8 2. 8 V V DYNAMIC Symbol Parameter Test Conditions Min. Typ. Max. Unit gfs Forward Transconductance VCE =25 V IC =30 A 20 S Cies Coes Cres Input Capacitance Out put Capacitance Reverse Transfer Capacitance VCE = 25V f = 1MHz VGE = 0 2300 250 60 pF pF pF QG QGE QGC Tot al G ate Charge Gat e-Emitter Charge Gat e-Collector Charge VCE = 480 V IC =30 A VGE = 15 V 150 15 72 nC nC nC ICL Lat ching Current Vclamp =480 V RG=10 Ω Tj = 150 oC 120 A SWITCHING ON Symbol Parameter Test Conditions Min. Typ. Max. Unit td(on) tr Delay Time Rise Time VCC = 480 V IC =30 A VGE=15 V RG =10 Ω 15 35 ns ns (di/dt)on Eon Turn-on Current Slope Turn-on Switching Losses VCC =480 V I C =30 A RG =10 Ω VGE =15 V Tj =125 oC 1000 1000 A/ µs µJ STGW30NB60HD 2/8 |
유사한 부품 번호 - STGW30NB60HD |
|
유사한 설명 - STGW30NB60HD |