전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M4183ZQA6F 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M4183ZQA6F
상세설명  Serial I2C bus RTC with battery switchover
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4183ZQA6F 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M4183ZQA6F Datasheet HTML 2Page - STMicroelectronics M4183ZQA6F Datasheet HTML 3Page - STMicroelectronics M4183ZQA6F Datasheet HTML 4Page - STMicroelectronics M4183ZQA6F Datasheet HTML 5Page - STMicroelectronics M4183ZQA6F Datasheet HTML 6Page - STMicroelectronics M4183ZQA6F Datasheet HTML 7Page - STMicroelectronics M4183ZQA6F Datasheet HTML 8Page - STMicroelectronics M4183ZQA6F Datasheet HTML 9Page - STMicroelectronics M4183ZQA6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
Description
M41T82 M41T83
6/58
1
Description
The M41T8x are low power serial I2C real-time clocks with a built-in 32.768 kHz oscillator
(external crystal-controlled for the QFN16 and SO8 packages, embedded crystal for the
SOX18 package). Eight bytes of the Register Map (see Table 2 on page 23) are used for the
clock/calendar function and are configured in binary coded decimal (BCD) format. An
additional 17 bytes of the Register Map provide status/control of the two Alarms, Watchdog,
8-bit Counter, and Square Wave functions. An additional seven bytes are made available as
user SRAM.
Addresses and data are transferred serially via a two line, bi-directional I2C interface. The
built-in address register is incremented automatically after each WRITE or READ data byte.
The M41T8x has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply when a power failure occurs. The energy
needed to sustain the clock operations can be supplied by a small lithium button battery
when a power failure occurs.
Functions available to the user include a non-volatile, time-of-day clock/calendar, two Alarm
interrupts, Watchdog Timer, programmable 8-bit Counter, and Square Wave outputs. The
eight clock address locations contain the century, year, month, date, day, hour, minute,
second, and tenths/hundredths of a second in 24 hour BCD format. Corrections for 28, 29
(leap year), 30, and 31 day months are made automatically. The M41T83 is supplied in
either a QFN16 (QA) or an SOX18 (MY), 300mil SOIC which includes an embedded 32 KHz
crystal. The SOX18 package requires only a user-supplied battery to provide non-volatile
operation. The M41T82 is available only in an SO8 package.


유사한 부품 번호 - M4183ZQA6F

제조업체부품명데이터시트상세설명
logo
Alpha Wire
M4182 ALPHAWIRE-M4182 Datasheet
107Kb / 4P
   Customer Specification
More results

유사한 설명 - M4183ZQA6F

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
logo
Rohm
BU9873 ROHM-BU9873 Datasheet
1Mb / 40P
   I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
logo
STMicroelectronics
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58