전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2CR12W 데이터시트(PDF) 4 Page - SunLED Corporation

부품명 LM2CR12W
상세설명  T-1 3/4 (5mm) SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2CR12W 데이터시트(HTML) 4 Page - SunLED Corporation

  LM2CR12W Datasheet HTML 1Page - SunLED Corporation LM2CR12W Datasheet HTML 2Page - SunLED Corporation LM2CR12W Datasheet HTML 3Page - SunLED Corporation LM2CR12W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.SunLED.com
Part Number:
LM2CR12W
T-1 3/4 (5mm) SOLID STATE LAMP
Published Date : MAR 26, 2008
Drawing No : SDSA6599
V1
Checked : B.L.LIU
P.4/4
PACKING & LABEL SPECIFICATIONS
LM2CR12W
R.
CHEN
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn
.kingbright.com,
c=<無>
日期︰2008.03.27
15:33:51 +08'00'


유사한 부품 번호 - LM2CR12W

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
LM2CR11W SUNLED-LM2CR11W Datasheet
183Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
LM2CR14W SUNLED-LM2CR14W Datasheet
170Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
More results

유사한 설명 - LM2CR12W

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
L-7524PWC-H KINGBRIGHT-L-7524PWC-H Datasheet
90Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503GD KINGBRIGHT-WP1503GD_15 Datasheet
319Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LSECK-J3 KINGBRIGHT-WP7113LSECK-J3_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63GT KINGBRIGHT-WP63GT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP63SRC KINGBRIGHT-WP63SRC_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63SRD KINGBRIGHT-WP63SRD_15 Datasheet
317Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP63YT KINGBRIGHT-WP63YT_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP1503SRD KINGBRIGHT-WP1503SRD_15 Datasheet
318Kb / 6P
   T-1 3/4(5mm) SOLID STATE LAMP
WP7113LGD KINGBRIGHT-WP7113LGD_15 Datasheet
314Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LID KINGBRIGHT-WP7113LID_15 Datasheet
312Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
WP7113LZGCK KINGBRIGHT-WP7113LZGCK_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com