전자부품 데이터시트 검색엔진 |
|
TSH75 데이터시트(PDF) 10 Page - STMicroelectronics |
|
TSH75 데이터시트(HTML) 10 Page - STMicroelectronics |
10 / 33 page Electrical Characteristics TSH70,71,72,73,74,75 10/33 GBP Gain Bandwidth Product F=10MHz AVCL=+11 AVCL=-10 65 55 MHz Bw Bandwidth @-3dB AVCL=+1 RL=150Ω // 30pF to GND 100 MHz SR Slew Rate AVCL=+2, RL=150Ω // CL to GND CL = 5pF CL = 30pF 68 117 118 V/ µs φm Phase Margin RL=150Ω to GND 40 ° en Equivalent Input Noise Voltage F=100kHz 11 nV/ √Hz THD Total Harmonic Distortion AVCL=+2, F=4MHz RL=150Ω // 30pF to GND Vout=1Vpp Vout=2Vpp -61 -54 dB IM2 Second order intermodulation product AVCL=+2, Vout=2Vpp RL=150Ω to GND Fin1=180kHz, Fin2=280KHz spurious measurements @100kHz -76 dBc IM3 Third order intermodulation product AVCL=+2, Vout=2Vpp RL=150Ω to GND Fin1=180kHz, Fin2=280KHz spurious measurements @400kHz -68 dBc ∆G Differential gain AVCL=+2, RL=150Ω to GND F=4.5MHz, Vout=2Vpp 0.5 % Df Differential phase AVCL=+2, RL=150Ω to GND F=4.5MHz, Vout=2Vpp 0.5 ° Gf Gain Flatness F=DC to 6MHz, AVCL=+2 0.2 dB Vo1/Vo2 Channel Separation F=1MHz to 10MHz 65 dB Table 5. VCC + = 5V, V CC - = -5V, V IC = GND, Tamb = 25 °C (unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit |
유사한 부품 번호 - TSH75 |
|
유사한 설명 - TSH75 |