전자부품 데이터시트 검색엔진 |
|
TSH75 데이터시트(PDF) 11 Page - STMicroelectronics |
|
TSH75 데이터시트(HTML) 11 Page - STMicroelectronics |
11 / 33 page TSH70,71,72,73,74,75 Electrical Characteristics 11/33 4.1 Standby mode Table 6. VCC +, V CC -, T amb = 25°C (unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Vlow Standby Low Level VCC - (VCC - +0.8) V Vhigh Standby High Level (VCC - +2) (VCC +)V ICC STBY Current Consumption per Operator when STANDBY is Active pin 8 (TSH71) to VCC - pin 1,2 or 3 (TSH73) to VCC - pin 8 (TSH75) to VCC + pin 9 (TSH75) to VCC - 20 55 µA Zout Output Impedance (Rout//Cout) Rout Cout 10 17 M Ω pF Ton Time from Standby Mode to Active Mode 2 µs Toff Time from Active Mode to Standby Mode Down to ICC STBY = 10µA10 µs TSH71 STANDBY CONTROL pin 8 (STBY) OPERATOR STATUS Vlow Standby Vhigh Active TSH73 STANDBY CONTROL OPERATOR STATUS pin 1 (STBY OP1) pin 2 (STBY OP2) pin 3 (STBY OP3) OP1 OP1 OP3 Vlow x x Standby x x Vhigh xx Active x x xVlow x x Standby x xVhigh xActive x xx Vlow x x Standby xx Vhigh xx Active TSH75 STANDBY CONTROL OPERATOR STATUS pin 8 (STBY OP2) pin 9 (STBY OP3) OP1 OP2 OP3 OP4 Vhigh Vlow Active Standby Standby Active Vhigh Vhigh Active Standby Active Active Vlow Vlow Active Active Standby Active Vlow Vhigh Active Active Active Active |
유사한 부품 번호 - TSH75 |
|
유사한 설명 - TSH75 |