전자부품 데이터시트 검색엔진 |
|
74LVQ86MTR 데이터시트(PDF) 3 Page - STMicroelectronics |
|
74LVQ86MTR 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 11 page 74LVQ86 3/11 Table 6: DC Specifications 1) Maximum test duration 2ms, one output loaded at time 2) Incident wave switching is guaranteed on transmission lines with impedances as low as 75 Ω Table 7: Dynamic Switching Characteristics 1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold (VIHD), f=1MHz. Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 3.0 to 3.6 2.0 2.0 2.0 V VIL Low Level Input Voltage 0.8 0.8 0.8 V VOH High Level Output Voltage 3.0 IO=-50 µA 2.9 2.99 2.9 2.9 V IO=-12 mA 2.58 2.48 2.48 IO=-24 mA 2.2 2.2 VOL Low Level Output Voltage 3.0 IO=50 µA 0.002 0.1 0.1 0.1 V IO=12 mA 0 0.36 0.44 0.44 IO=24 mA 0.55 0.55 II Input Leakage Current 3.6 VI = VCC or GND ± 0.1 ± 1 ± 1 µA ICC Quiescent Supply Current 3.6 VI = VCC or GND 220 20 µA IOLD Dynamic Output Current (note 1, 2) 3.6 VOLD = 0.8 V max 36 25 mA IOHD VOHD = 2 V min -25 -25 mA Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VOLP Dynamic Low Voltage Quiet Output (note 1, 2) 3.3 CL = 50 pF 0.3 0.8 V VOLV -0.8 -0.3 VIHD Dynamic High Voltage Input (note 1, 3) 3.3 2 V VILD Dynamic Low Voltage Input (note 1, 3) 3.3 0.8 V |
유사한 부품 번호 - 74LVQ86MTR |
|
유사한 설명 - 74LVQ86MTR |