전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HCT132M1R 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M74HCT132M1R
상세설명  QUAD 2-INPUT SCHMITT NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT132M1R 데이터시트(HTML) 6 Page - STMicroelectronics

  M74HCT132M1R Datasheet HTML 1Page - STMicroelectronics M74HCT132M1R Datasheet HTML 2Page - STMicroelectronics M74HCT132M1R Datasheet HTML 3Page - STMicroelectronics M74HCT132M1R Datasheet HTML 4Page - STMicroelectronics M74HCT132M1R Datasheet HTML 5Page - STMicroelectronics M74HCT132M1R Datasheet HTML 6Page - STMicroelectronics M74HCT132M1R Datasheet HTML 7Page - STMicroelectronics M74HCT132M1R Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M74HCT132
6/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8° (max.)
SO-14 MECHANICAL DATA
PO13G


유사한 부품 번호 - M74HCT132M1R

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HCT132M1R STMICROELECTRONICS-M74HCT132M1R Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
More results

유사한 설명 - M74HCT132M1R

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
   Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
February 2000
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
March 2002
74VHC132 STMICROELECTRONICS-74VHC132 Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com