전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVQ244 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 74LVQ244
상세설명  LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ244 데이터시트(HTML) 3 Page - STMicroelectronics

  74LVQ244_04 Datasheet HTML 1Page - STMicroelectronics 74LVQ244_04 Datasheet HTML 2Page - STMicroelectronics 74LVQ244_04 Datasheet HTML 3Page - STMicroelectronics 74LVQ244_04 Datasheet HTML 4Page - STMicroelectronics 74LVQ244_04 Datasheet HTML 5Page - STMicroelectronics 74LVQ244_04 Datasheet HTML 6Page - STMicroelectronics 74LVQ244_04 Datasheet HTML 7Page - STMicroelectronics 74LVQ244_04 Datasheet HTML 8Page - STMicroelectronics 74LVQ244_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74LVQ241
3/12
Table 6: DC Specifications
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 75
Table 7: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
3.0 to
3.6
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
3.0
IO=-50 µA
2.9
2.99
2.9
2.9
V
IO=-12 mA
2.58
2.48
2.48
IO=-24 mA
2.2
2.2
VOL
Low Level Output
Voltage
3.0
IO=50 µA
0.002
0.1
0.1
0.1
V
IO=12 mA
0
0.36
0.44
0.44
IO=24 mA
0.55
0.55
II
Input Leakage
Current
3.6
VI = VCC or GND
± 0.1
± 1
± 1
µA
IOZ
High Impedance
Output Leakage
Current
3.6
VI = VIH or VIL
VO = VCC or GND
± 0.5
± 5
± 10
µA
ICC
Quiescent Supply
Current
3.6
VI = VCC or GND
440
40
µA
IOLD
Dynamic Output
Current (note 1, 2)
3.6
VOLD = 0.8 V max
36
25
mA
IOHD
VOHD = 2 V min
-25
-25
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
3.3
CL = 50 pF
0.4
0.8
V
VOLV
-0.8
-0.5
VIHD
Dynamic High
Voltage Input
(note 1, 3)
3.3
2
V
VILD
Dynamic Low
Voltage Input
(note 1, 3)
3.3
0.8
V


유사한 부품 번호 - 74LVQ244_04

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

유사한 설명 - 74LVQ244_04

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVQ244 STMICROELECTRONICS-74LVQ244 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED
February 1999
74LVQ241 STMICROELECTRONICS-74LVQ241 Datasheet
64Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
February 1999
74LVQ241 STMICROELECTRONICS-74LVQ241_04 Datasheet
256Kb / 12P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com