전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX573TTR 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 74LVX573TTR
상세설명  LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX573TTR 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button 74LVX573TTR Datasheet HTML 5Page - STMicroelectronics 74LVX573TTR Datasheet HTML 6Page - STMicroelectronics 74LVX573TTR Datasheet HTML 7Page - STMicroelectronics 74LVX573TTR Datasheet HTML 8Page - STMicroelectronics 74LVX573TTR Datasheet HTML 9Page - STMicroelectronics 74LVX573TTR Datasheet HTML 10Page - STMicroelectronics 74LVX573TTR Datasheet HTML 11Page - STMicroelectronics 74LVX573TTR Datasheet HTML 12Page - STMicroelectronics 74LVX573TTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
74LVX573
11/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.8
7
0.268
0.276
Bo
6.9
7.1
0.272
0.280
Ko
1.7
1.9
0.067
0.075
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TSSOP20 MECHANICAL DATA


유사한 부품 번호 - 74LVX573TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVX573TTR STMICROELECTRONICS-74LVX573TTR Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
More results

유사한 설명 - 74LVX573TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373 Datasheet
77Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX374 STMICROELECTRONICS-74LVX374 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX574 STMICROELECTRONICS-74LVX574 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
74LCX240 STMICROELECTRONICS-74LCX240_04 Datasheet
241Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX240M STMICROELECTRONICS-74LCX240M Datasheet
187Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com