전자부품 데이터시트 검색엔진 |
|
74VHC00 데이터시트(PDF) 3 Page - STMicroelectronics |
|
74VHC00 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 11 page 74VHC00 3/11 Table 6: DC Specifications Table 7: AC Electrical Characteristics (Input tr = tf = 3ns) (*) Voltage range is 3.3V ± 0.3V (**) Voltage range is 5.0V ± 0.5V Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 2.0 1.5 1.5 1.5 V 3.0 to 5.5 0.7VCC 0.7VCC 0.7VCC VIL Low Level Input Voltage 2.0 0.5 0.5 0.5 V 3.0 to 5.5 0.3VCC 0.3VCC 0.3VCC VOH High Level Output Voltage 2.0 IO=-50 µA 1.9 2.0 1.9 1.9 V 3.0 IO=-50 µA 2.9 3.0 2.9 2.9 4.5 IO=-50 µA 4.4 4.5 4.4 4.4 3.0 IO=-4 mA 2.58 2.48 2.4 4.5 IO=-8 mA 3.94 3.8 3.7 VOL Low Level Output Voltage 2.0 IO=50 µA 0.0 0.1 0.1 0.1 V 3.0 IO=50 µA 0.0 0.1 0.1 0.1 4.5 IO=50 µA 0.0 0.1 0.1 0.1 3.0 IO=4 mA 0.36 0.44 0.55 4.5 IO=8 mA 0.36 0.44 0.55 II Input Leakage Current 0 to 5.5 VI = 5.5V or GND ± 0.1 ± 1 ± 1 µA ICC Quiescent Supply Current 5.5 VI = VCC or GND 220 20 µA Symbol Parameter Test Condition Value Unit VCC (V) CL (pF) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tPLH tPHL Propagation Delay Time 3.3(*) 15 5.5 7.9 1.0 9.5 1.0 9.5 ns 3.3(*) 50 8.0 11.4 1.0 13.0 1.0 13.0 5.0(**) 15 3.7 5.5 1.0 6.5 1.0 6.5 5.0(**) 50 5.2 7.5 1.0 8.5 1.0 8.5 |
유사한 부품 번호 - 74VHC00_04 |
|
유사한 설명 - 74VHC00_04 |