전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC16373TTR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 74VHC16373TTR
상세설명  16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC16373TTR 데이터시트(HTML) 4 Page - STMicroelectronics

  74VHC16373TTR Datasheet HTML 1Page - STMicroelectronics 74VHC16373TTR Datasheet HTML 2Page - STMicroelectronics 74VHC16373TTR Datasheet HTML 3Page - STMicroelectronics 74VHC16373TTR Datasheet HTML 4Page - STMicroelectronics 74VHC16373TTR Datasheet HTML 5Page - STMicroelectronics 74VHC16373TTR Datasheet HTML 6Page - STMicroelectronics 74VHC16373TTR Datasheet HTML 7Page - STMicroelectronics 74VHC16373TTR Datasheet HTML 8Page - STMicroelectronics 74VHC16373TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74VHC16373
4/11
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
3.0 to
5.5
0.7VCC
0.7VCC
0.7VCC
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
3.0 to
5.5
0.3VCC
0.3VCC
0.3VCC
VOH
High Level Output
Voltage
2.0
IO=-50 µA
1.9
2.0
1.9
1.9
V
3.0
IO=-50 µA
2.9
3.0
2.9
2.9
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
3.0
IO=-4 mA
2.58
2.48
2.4
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
2.0
IO=50 µA
0.0
0.1
0.1
0.1
V
3.0
IO=50 µA
0.0
0.1
0.1
0.1
4.5
IO=50 µA
0.0
0.1
0.1
0.1
3.0
IO=4 mA
0.36
0.44
0.55
4.5
IO=8 mA
0.36
0.44
0.55
IOZ
High Impedance
Output Leakage
Current
5.5
VI =VIH or VIL
VO =VCC or GND
±0.25
± 2.5
± 5
µA
II
Input Leakage
Current
0to
5.5
VI = 5.5V or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
440
40
µA


유사한 부품 번호 - 74VHC16373TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC16373TTR STMICROELECTRONICS-74VHC16373TTR Datasheet
79Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
More results

유사한 설명 - 74VHC16373TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC16373 STMICROELECTRONICS-74VHC16373 Datasheet
79Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHCT16373A STMICROELECTRONICS-74VHCT16373A Datasheet
274Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
74VHC16374 STMICROELECTRONICS-74VHC16374 Datasheet
187Kb / 11P
   16-BIT D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS NON INVERTING
74VHCT16374A STMICROELECTRONICS-74VHCT16374A Datasheet
282Kb / 10P
   16-BIT D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS NON INVERTING
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com