전자부품 데이터시트 검색엔진 |
|
BTA12600TWRG 데이터시트(PDF) 3 Page - STMicroelectronics |
|
BTA12600TWRG 데이터시트(HTML) 3 Page - STMicroelectronics |
3 / 12 page BTA12, BTB12, T12xx Characteristics 3/12 Table 4. Electrical characteristics (Tj = 25°C, unless otherwise specified) standard (4 quadrants) Symbol Test Conditions Quadrant BTA12 / BTB12 Unit CB IGT (1) 1. Minimum IGT is guaranted at 5% of IGT max. VD = 12 V RL = 30 Ω I - II - III IV MAX. 25 50 50 100 mA VGT ALL MAX. 1.3 V VGD VD = VDRM RL = 3.3 kΩ Tj = 125° C ALL MIN. 0.2 V IH (2) 2. for both polarities of A2 referenced to A1. IT = 500 mA MAX. 25 50 mA IL IG = 1.2 IGT I - III - IV MAX. 40 50 mA II 80 100 dV/dt (2) VD = 67% VDRM gate open Tj = 125° C MIN. 200 400 V/µs (dV/dt)c (2) (dI/dt)c = 5.3 A/ms Tj = 125° C MIN. 5 10 V/µs Table 5. Static characteristics Symbol Test conditions Value Unit VT (1) 1. for both polarities of A2 referenced to A1 ITM = 17 A tp = 380 µs Tj = 25° C MAX. 1.55 V Vt0 (1) Threshold voltage Tj = 125° C MAX. 0.85 V Rd (1) Dynamic resistance Tj = 125° C MAX. 35 m Ω IDRM IRRM VDRM = VRRM Tj = 25° C MAX. 5µA Tj= 125° C 1 mA Table 6. Thermal resistance Symbol Parameter Value Unit Rth(j-c) Junction to case (AC) I2PAK / D2PAK / TO-220AB 1.4 °C/W TO-220AB insulated 2.3 Rth(j-a) Junction to ambient S(1) = 1 cm2 1. Copper surface under tab. D2PAK 45 °C/W TO-220AB / I2PAK TO-220AB insulated 60 |
유사한 부품 번호 - BTA12600TWRG |
|
유사한 설명 - BTA12600TWRG |