전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB26-600CWRG 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 BTB26-600CWRG
상세설명  25 A standard and Snubberless triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB26-600CWRG 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button BTB26-600CWRG Datasheet HTML 4Page - STMicroelectronics BTB26-600CWRG Datasheet HTML 5Page - STMicroelectronics BTB26-600CWRG Datasheet HTML 6Page - STMicroelectronics BTB26-600CWRG Datasheet HTML 7Page - STMicroelectronics BTB26-600CWRG Datasheet HTML 8Page - STMicroelectronics BTB26-600CWRG Datasheet HTML 9Page - STMicroelectronics BTB26-600CWRG Datasheet HTML 10Page - STMicroelectronics BTB26-600CWRG Datasheet HTML 11Page - STMicroelectronics BTB26-600CWRG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BTA24, BTB24, BTA25, BTA26, BTB26, T25
Ordering information
11/12
4
Ordering information
Note: xxx = voltage, y = sensitivity, z = type
5
Revision history
Table 11.
Ordering information
Ordering type
Marking
Package
Weight
Base qty Delivery mode
BTA/BTB24-xxxyzRG
BTA/BTB24 xxxyz
TO-220AB
2.3 g
50
Tube
BTA25-xxxyz
BTA25xxxyz
RD91
20 g
25
Bulk
BTA26-xxxyRG
BTA26xxxyz
TOP3 Ins.
4.5 g
30
Tube
BTB26-600BRG
BTB26600B
TOP3
4.5 g
30
Tube
T2535-xxxG
T2535 xxxG
D2PAK
1.5 g
50
Tube
T2535-xxxG-TR
T2535 xxxG
1000
Tape and reel
Table 12.
Revision history
Date
Revision
Description of changes
Oct-2002
6A
Previous update.
13-Feb-2006
7
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
31-May-2006
8
Reformatted to current standard. Tc in figure 3 changed to Tamb
31-Jul-2006
9
Typing error corrected on page 1 (BTB124 instead of BTB24)
05-Jul-2007
10
Added BTB26-600BRG. Restructured cover page and section 2:
Ordering information scheme on page 6 to simplify product selection.
Thermal resistance values updated in Table 6 and Figure 2. Graphic
for I2t updated in Figure 7.


유사한 부품 번호 - BTB26-600CWRG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTB26-600CWRG STMICROELECTRONICS-BTB26-600CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB26-600CWRG STMICROELECTRONICS-BTB26-600CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

유사한 설명 - BTB26-600CWRG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com