전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS-24V0251.8 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 GS-24V0251.8
상세설명  1.8 A DC-DC converter modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-24V0251.8 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button GS-24V0251.8 Datasheet HTML 5Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 6Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 7Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 8Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 9Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 10Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 11Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 12Page - STMicroelectronics GS-24V0251.8 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
GS-R24FP
Application information
9/15
4.6
Thermal shutdown
The shutdown block generates a signal that turns OFF the power stage if the temperature of
the internal chip goes higher than a fixed internal threshold (150
°C min).
The sensing element of the chip is very close to the PDMOS area, so ensuring an accurate
and fast temperature detection.
An hysteresis of approximately 20
°C avoids that the devices turns ON and OFF
continuously.
4.7
Output voltage programming (GS-R24FP0001.8 only)
The GS-R24FP0001.8 output voltage is 5.54 V
± 4 %, to reduce this value connect a resistor
between pin 10 (FB) and pin 9 (Vout).
The resistor must be located very close to the proper pins, to minimize the injected noise
(see Figure 4).
The resistor value is calculated using the following formula:
for GS-R24FP0001.8 Rv = [(Vout - 1.235) * 11.3] / 5.54 - Vout) --[kΩ]
Vout can be adjusted between 1.235 V (Rv = 0 Ω) and 5.54V (Rv = open)
4.8
Loop compensation (GS-R24FP0001.8 only)
If required by particular load conditions, it is possible to change the feedback loop
compensation, adding an external capacitor between pin 10 (FB) and pin 9 (Vout), which will
act as speed up (see Figure 5).


유사한 부품 번호 - GS-24V0251.8

제조업체부품명데이터시트상세설명
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4406-2 3M-GS-2000-4406-2 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4407-0 3M-GS-2000-4407-0 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
More results

유사한 설명 - GS-24V0251.8

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
   1.9 A DC-DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
   2 A DC-DC converter modules
logo
Power Systems GmbH+Co.K...
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
   1.8 Watt Isolated DC-DC Converter
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com