전자부품 데이터시트 검색엔진 |
|
LM335AZT 데이터시트(PDF) 2 Page - STMicroelectronics |
|
LM335AZT 데이터시트(HTML) 2 Page - STMicroelectronics |
2 / 16 page Schematic diagram LM135-LM235-LM335 2/16 1 Schematic diagram Figure 1. Schematic diagram 2 Absolute maximum ratings Table 1. Absolute maximum ratings (AMR) Symbol Parameter LM135 LM235 LM335- LM335A Unit IR IF Current Reverse Forward 15 10 mA Toper Operating free-air temperature range(1) Continuous Intermittent 1. Tj ≤ 150°C -55 to +150 +150 to +200 -40 to +125 +125 to +150 -40 to +100 +100 to +125 °C Tstg Storage temperature range -65 to +150 °C |
유사한 부품 번호 - LM335AZT |
|
유사한 설명 - LM335AZT |