전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L78S24CT 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 L78S24CT
상세설명  2 A positive voltage regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S24CT 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button L78S24CT Datasheet HTML 4Page - STMicroelectronics L78S24CT Datasheet HTML 5Page - STMicroelectronics L78S24CT Datasheet HTML 6Page - STMicroelectronics L78S24CT Datasheet HTML 7Page - STMicroelectronics L78S24CT Datasheet HTML 8Page - STMicroelectronics L78S24CT Datasheet HTML 9Page - STMicroelectronics L78S24CT Datasheet HTML 10Page - STMicroelectronics L78S24CT Datasheet HTML 11Page - STMicroelectronics L78S24CT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical characteristics
L78Sxx - L78SxxC
8/31
Table 5.
Electrical characteristics of L78S75 (refer to the test circuits, TJ = 25 °C, VI = 12.5 V,
IO = 500 mA, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
7.15
7.5
7.9
V
VO
Output voltage
IO = 1A, VI = 9.5V
7.1
7.5
7.95
V
ΔVO
Line regulation
VI = 9.5 to 25V
120
mV
VI = 10.5 to 20V
60
ΔVO
Load regulation
IO = 20 mA to 2A
120
mV
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20mA to 1A
0.5
mA
IO = 20mA, VI = 9.5 to 25V
1.3
ΔVO/ΔT Output voltage drift
IO = 5mA, TJ = -55°C to 150°C
-0.8
mV/°C
eN
Output noise voltage
B =10Hz to 100kHz
52
µV
SVR
Supply voltage rejection
f = 120Hz
54
dB
VI
Operating input voltage
IO 1.5A
10.5
V
RO
Output resistance
f = 1 kHz
16
m
Ω
Isc
Short circuit current
VI =27V
500
mA
Iscp
Short circuit peak current
3
A
Table 6.
Electrical characteristics of L78S09 (refer to the test circuits, TJ = 25 °C, VI = 14 V,
IO = 500 mA, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
8.65
9
9.35
V
VO
Output voltage
IO = 1A, VI = 11V
8.6
9
9.4
V
ΔVO
Line regulation
VI = 11 to 25V
130
mV
VI = 11 to 20V
65
ΔVO
Load regulation
IO = 20 mA to 2A
130
mV
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20mA to 1A
0.5
mA
VI = 11 to 25 V, IO = 20mA
1.3
ΔVO/ΔT Output voltage drift
IO = 5mA, TJ = -55°C to 150°C
-1
mV/°C
eN
Output noise voltage
B =10Hz to 100kHz
60
µV
SVR
Supply voltage rejection
f = 120Hz
53
dB
VI
Operating input voltage
IO 1.5A
12
V
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 27V
500
mA
Iscp
Short circuit peak current
3
A


유사한 부품 번호 - L78S24CT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L78S24CT STMICROELECTRONICS-L78S24CT Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
More results

유사한 설명 - L78S24CT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX_10 Datasheet
1Mb / 39P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com