전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M40ZVCCMQ6E 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M40ZVCCMQ6E
상세설명  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40ZVCCMQ6E 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M40ZVCCMQ6E Datasheet HTML 6Page - STMicroelectronics M40ZVCCMQ6E Datasheet HTML 7Page - STMicroelectronics M40ZVCCMQ6E Datasheet HTML 8Page - STMicroelectronics M40ZVCCMQ6E Datasheet HTML 9Page - STMicroelectronics M40ZVCCMQ6E Datasheet HTML 10Page - STMicroelectronics M40ZVCCMQ6E Datasheet HTML 11Page - STMicroelectronics M40ZVCCMQ6E Datasheet HTML 12Page - STMicroelectronics M40ZVCCMQ6E Datasheet HTML 13Page - STMicroelectronics M40ZVCCMQ6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Operation
M40Z300, M40Z300W
10/25
2.1
Two to four decode
The M40Z300/W includes a 2 input (A, B) decoder which allows the control of up to 4
independent SRAMs. The Truth Table for these inputs is shown in Table 2.
Table 2.
Truth table
Figure 6.
Address-decode time
Note:
During system design, compliance with the SRAM timing parameters must comprehend the
propagation delay between E1CON - E4CON.
2.2
Data retention lifetime calculation
Most low power SRAMs on the market today can be used with the M40Z300/W NVRAM
SUPERVISOR. There are, however some criteria which should be used in making the final
choice of which SRAM to use. The SRAM must be designed in a way where the chip enable
input disables all other inputs to the SRAM. This allows inputs to the M40Z300/W and
SRAMs to be “Don't Care” once VCC falls below VPFD(min). The SRAM should also
guarantee data retention down to VCC = 2.0V. The chip enable access time must be
sufficient to meet the system needs with the chip enable propagation delays included. If the
SRAM includes a second chip enable pin (E2), this pin should be tied to VOUT.
If data retention lifetime is a critical parameter for the system, it is important to review the
data retention current specifications for the particular SRAMs being evaluated. Most SRAMs
specify a data retention current at 3.0V. Manufacturers generally specify a typical condition
for room temperature along with a worst case condition (generally at elevated
temperatures). The system level requirements will determine the choice of which value to
use.
The data retention current value of the SRAMs can then be added to the IBAT value of the
M40Z300/W to determine the total current requirements for data retention. The available
Inputs
Outputs
E
BA
E1CON
E2CON
E3CON
E4CON
HX
XH
H
H
H
LL
LL
H
H
H
LL
H
H
L
H
H
LHL
H
HLH
L
HHHH
H
L
AI02551
A, B
E
E1CON - E4CON
tAS
tEDH
tEDL


유사한 부품 번호 - M40ZVCCMQ6E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M40ZVCCMH6E STMICROELECTRONICS-M40ZVCCMH6E Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40ZVCCMH6F STMICROELECTRONICS-M40ZVCCMH6F Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
More results

유사한 설명 - M40ZVCCMQ6E

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com