전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M27C160-50K6 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M27C160-50K6
상세설명  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160-50K6 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M27C160-50K6 Datasheet HTML 7Page - STMicroelectronics M27C160-50K6 Datasheet HTML 8Page - STMicroelectronics M27C160-50K6 Datasheet HTML 9Page - STMicroelectronics M27C160-50K6 Datasheet HTML 10Page - STMicroelectronics M27C160-50K6 Datasheet HTML 11Page - STMicroelectronics M27C160-50K6 Datasheet HTML 12Page - STMicroelectronics M27C160-50K6 Datasheet HTML 13Page - STMicroelectronics M27C160-50K6 Datasheet HTML 14Page - STMicroelectronics M27C160-50K6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
M27C160
Device description
11/26
ambient temperature range that is required when programming the M27C160. To activate
the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of
the M27C160, with VPP = VCC = 5V. Two identifier bytes may then be sequenced from the
device outputs by toggling address line A0 from VIL to VIH. All other address lines must be
held at VIL during Electronic Signature mode. Byte 0 (A0 = VIL) represents the manufacturer
code and byte 1 (A0 = VIH) the device identifier code. For the STMicroelectronics M27C160,
these two identifier bytes are given in Table 3 and can be read-out on outputs Q7 to Q0.
Note:
Outputs Q15-Q8 are set to '0'.
2.10
Erasure operation (applies to UV EPROM)
The erasure characteristics of the M27C160 is such that erasure begins when the cells are
exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted
that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å
range. Research shows that constant exposure to room level fluorescent lighting could
erase a typical M27C160 in about 3 years, while it would take approximately 1 week to
cause erasure when exposed to direct sunlight. If the M27C160 is to be exposed to these
types of lighting conditions for extended periods of time, it is suggested that opaque labels
be put over the M27C160 window to prevent unintentional erasure. The recommended
erasure procedure for M27C160 is exposure to short wave ultraviolet light which has a
wavelength of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure
should be a minimum of 30 W-sec/cm2. The erasure time with this dosage is approximately
30 to 40 minutes using an ultraviolet lamp with 12000 µW/cm2 power rating. The M27C160
should be placed within 2.5cm (1 inch) of the lamp tubes during the erasure. Some lamps
have a filter on their tubes which should be removed before erasure.
Table 3.
Electronic Signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
00100000
20h
Device Code
VIH
10110001
B1h


유사한 부품 번호 - M27C160-50K6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27C160-50K6 STMICROELECTRONICS-M27C160-50K6 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27C160-50K6TR STMICROELECTRONICS-M27C160-50K6TR Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results

유사한 설명 - M27C160-50K6

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
   8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com