전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M74HC221TTR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M74HC221TTR
상세설명  DUAL MONOSTABLE MULTIVIBRATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC221TTR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M74HC221TTR Datasheet HTML 6Page - STMicroelectronics M74HC221TTR Datasheet HTML 7Page - STMicroelectronics M74HC221TTR Datasheet HTML 8Page - STMicroelectronics M74HC221TTR Datasheet HTML 9Page - STMicroelectronics M74HC221TTR Datasheet HTML 10Page - STMicroelectronics M74HC221TTR Datasheet HTML 11Page - STMicroelectronics M74HC221TTR Datasheet HTML 12Page - STMicroelectronics M74HC221TTR Datasheet HTML 13Page - STMicroelectronics M74HC221TTR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
M74HC221
10/14
WAVEFORM 3 : REMOVAL TIME (CLR TO A-B) (f=1MHz; 50% duty cycle)
WAVEFORM 4 : REMOVAL TIME (CLR TO A-B) (f=1MHz; 50% duty cycle)


유사한 부품 번호 - M74HC221TTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC221 STMICROELECTRONICS-M74HC221 Datasheet
288Kb / 14P
   DUAL MONOSTABLE MULTIVIBRATOR
M74HC221A STMICROELECTRONICS-M74HC221A Datasheet
288Kb / 14P
   DUAL MONOSTABLE MULTIVIBRATOR
M74HC221AB1R STMICROELECTRONICS-M74HC221AB1R Datasheet
288Kb / 14P
   DUAL MONOSTABLE MULTIVIBRATOR
M74HC221AC1R STMICROELECTRONICS-M74HC221AC1R Datasheet
288Kb / 14P
   DUAL MONOSTABLE MULTIVIBRATOR
M74HC221AF1R STMICROELECTRONICS-M74HC221AF1R Datasheet
288Kb / 14P
   DUAL MONOSTABLE MULTIVIBRATOR
More results

유사한 설명 - M74HC221TTR

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com