전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB40NF10 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STB40NF10
상세설명  N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB40NF10 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STB40NF10 Datasheet HTML 3Page - STMicroelectronics STB40NF10 Datasheet HTML 4Page - STMicroelectronics STB40NF10 Datasheet HTML 5Page - STMicroelectronics STB40NF10 Datasheet HTML 6Page - STMicroelectronics STB40NF10 Datasheet HTML 7Page - STMicroelectronics STB40NF10 Datasheet HTML 8Page - STMicroelectronics STB40NF10 Datasheet HTML 9Page - STMicroelectronics STB40NF10 Datasheet HTML 10Page - STMicroelectronics STB40NF10 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STP40NF10 - STB40NF10 - STB40NF10-1
10/11
TAPE AND REEL SHIPMENT (suffix ”T4”)*
TUBE SHIPMENT (no suffix)*
D2PAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413
0.421
B0
15.7
15.9
0.618
0.626
D
1.5
1.6
0.059
0.063
D1
1.59
1.61
0.062
0.063
E
1.65
1.85
0.065
0.073
F
11.4
11.6
0.449
0.456
K0
4.8
5.0
0.189
0.197
P0
3.9
4.1
0.153
0.161
P1
11.9
12.1
0.468
0.476
P2
1.9
2.1
0.075
0.082
R
50
1.574
T
0.25
0.35
0.0098 0.0137
W
23.7
24.3
0.933
0.956
TAPE MECHANICAL DATA


유사한 부품 번호 - STB40NF10

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB40NF10 STMICROELECTRONICS-STB40NF10 Datasheet
48Kb / 6P
   N - CHANNEL 100V - 0.030W - 40ohm TO-263 LOW GATE CHARGE STripFET POWER MOSFET
STB40NF10 STMICROELECTRONICS-STB40NF10 Datasheet
411Kb / 13P
   N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
STB40NF10L STMICROELECTRONICS-STB40NF10L Datasheet
435Kb / 9P
   N-CHANNEL 100V - 0.028ohm - 40A D2PAK LOW GATE CHARGE STripFET??POWER MOSFET
logo
VBsemi Electronics Co.,...
STB40NF10LT4 VBSEMI-STB40NF10LT4 Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STB40NF10T4 STMICROELECTRONICS-STB40NF10T4 Datasheet
411Kb / 13P
   N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
More results

유사한 설명 - STB40NF10

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP40NF10 STMICROELECTRONICS-STP40NF10_07 Datasheet
238Kb / 12P
   N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
STB40NF10 STMICROELECTRONICS-STB40NF10_07 Datasheet
411Kb / 13P
   N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
   N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
July 2006 Rev 10
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
   N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
   N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
   N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
   N-channel 100V - 0.025廓 - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
   N-channel 100V - 0.019廓 - 80A - TO-220 - D2PAK - I2PAK STripFET??II Power MOSFET
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
   N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com