전자부품 데이터시트 검색엔진 |
|
ST7P10BY0B3TR 데이터시트(PDF) 10 Page - STMicroelectronics |
|
ST7P10BY0B3TR 데이터시트(HTML) 10 Page - STMicroelectronics |
10 / 159 page ST7LITE1xB 10/159 Table 2. Hardware Register Map Address Block Register Label Register Name Reset Status Remarks 0000h 0001h 0002h Port A PADR PADDR PAOR Port A Data Register Port A Data Direction Register Port A Option Register FFh1) 00h 40h R/W R/W R/W 0003h 0004h 0005h Port B PBDR PBDDR PBOR Port B Data Register Port B Data Direction Register Port B Option Register FFh 1) 00h 00h R/W R/W R/W2) 0006h 0007h Port C PCDR PCDDR Port C Data Register Port C Data Direction Register 0xh 00h R/W R/W 0008h 0009h 000Ah 000Bh 000Ch LITE TIMER 2 LTCSR2 LTARR LTCNTR LTCSR1 LTICR Lite Timer Control/Status Register 2 Lite Timer Auto-reload Register Lite Timer Counter Register Lite Timer Control/Status Register 1 Lite Timer Input Capture Register 00h 00h 00h 0X00 0000b 00h R/W R/W Read Only R/W Read Only 000Dh 000Eh 000Fh 0010h 0011h 0012h 0013h 0014h 0015h 0016h 0017h 0018h 0019h 001Ah 001Bh 001Ch 001Dh 001Eh 001Fh 0020h 0021h 0022h 0023h 0024h 0025h 0026h AUTO- RELOAD TIMER 2 ATCSR CNTRH CNTRL ATRH ATRL PWMCR PWM0CSR PWM1CSR PWM2CSR PWM3CSR DCR0H DCR0L DCR1H DCR1L DCR2H DCR2L DCR3H DCR3L ATICRH ATICRL ATCSR2 BREAKCR ATR2H ATR2L DTGR BREAKEN Timer Control/Status Register Counter Register High Counter Register Low Auto-Reload Register High Auto-Reload Register Low PWM Output Control Register PWM 0 Control/Status Register PWM 1 Control/Status Register PWM 2 Control/Status Register PWM 3 Control/Status Register PWM 0 Duty Cycle Register High PWM 0 Duty Cycle Register Low PWM 1 Duty Cycle Register High PWM 1 Duty Cycle Register Low PWM 2 Duty Cycle Register High PWM 2 Duty Cycle Register Low PWM 3 Duty Cycle Register High PWM 3 Duty Cycle Register Low Input Capture Register High Input Capture Register Low Timer Control/Status Register 2 Break Control Register Auto-Reload Register 2 High Auto-Reload Register 2 Low Dead Time Generation Register Break Enable Register 0X00 0000b 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 00h 03h 00h 00h 00h 00h 03h R/W Read Only Read Only R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Read Only Read Only R/W R/W R/W R/W R/W R/W 0027h to 002Bh Reserved area (5 bytes) 002Ch Comparator Voltage Reference VREFCR Internal Voltage Reference Control Reg- ister 00h R/W 002Dh Comparator CMPCR Comparator and Internal Reference Con- trol Register 00h R/W 002Eh WDG WDGCR Watchdog Control Register 7Fh R/W 1 |
유사한 부품 번호 - ST7P10BY0B3TR |
|
유사한 설명 - ST7P10BY0B3TR |