전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFE26SE-5F900I 데이터시트(PDF) 6 Page - Lattice Semiconductor

부품명 LFE26SE-5F900I
상세설명  LatticeECP2/M Family Data Sheet
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFE26SE-5F900I 데이터시트(HTML) 6 Page - Lattice Semiconductor

Back Button LFE26SE-5F900I Datasheet HTML 2Page - Lattice Semiconductor LFE26SE-5F900I Datasheet HTML 3Page - Lattice Semiconductor LFE26SE-5F900I Datasheet HTML 4Page - Lattice Semiconductor LFE26SE-5F900I Datasheet HTML 5Page - Lattice Semiconductor LFE26SE-5F900I Datasheet HTML 6Page - Lattice Semiconductor LFE26SE-5F900I Datasheet HTML 7Page - Lattice Semiconductor LFE26SE-5F900I Datasheet HTML 8Page - Lattice Semiconductor LFE26SE-5F900I Datasheet HTML 9Page - Lattice Semiconductor LFE26SE-5F900I Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 386 page
background image
2-3
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
PFU Blocks
The core of the LatticeECP2/M device consists of PFU blocks, which are provided in two forms, the PFU and PFF.
The PFUs can be programmed to perform Logic, Arithmetic, Distributed RAM and Distributed ROM functions. PFF
blocks can be programmed to perform Logic, Arithmetic and ROM functions. Except where necessary, the remain-
der of this data sheet will use the term PFU to refer to both PFU and PFF blocks.
Each PFU block consists of four interconnected slices, numbered 0-3 as shown in Figure 2-3. All the interconnec-
tions to and from PFU blocks are from routing. There are 50 inputs and 23 outputs associated with each PFU block.
Figure 2-3. PFU Diagram
Slice
Slice 0 through Slice 2 contain two LUT4s feeding two registers, whereas Slice 3 contains two LUT4s only. For
PFUs, Slice 0 and Slice 2 can also be configured as distributed memory, a capability not available in the PFF.
Table 2-1 shows the capability of the slices in both PFF and PFU blocks along with the operation modes they
enable. In addition, each PFU contains some logic that allows the LUTs to be combined to perform functions such
as LUT5, LUT6, LUT7 and LUT8. There is control logic to perform set/reset functions (programmable as synchro-
nous/asynchronous), clock select, chip-select and wider RAM/ROM functions. Figure 2-4 shows an overview of the
internal logic of the slice. The registers in the slice can be configured for positive/negative and edge triggered or
level sensitive clocks.
Table 2-1. Resources and Modes Available per Slice
Slices 0, 1 and 2 have 14 input signals: 13 signals from routing and one from the carry-chain (from the adjacent
slice or PFU). There are seven outputs: six to routing and one to carry-chain (to the adjacent PFU). Slice 3 has 13
input signals from routing and four signals to routing. Table 2-2 lists the signals associated with Slice 0 to Slice 2.
Slice
PFU BLock
PFF Block
Resources
Modes
Resources
Modes
Slice 0
2 LUT4s and 2 Registers
Logic, Ripple, RAM, ROM
2 LUT4s and 2 Registers
Logic, Ripple, ROM
Slice 1
2 LUT4s and 2 Registers
Logic, Ripple, ROM
2 LUT4s and 2 Registers
Logic, Ripple, ROM
Slice 2
2 LUT4s and 2 Registers
Logic, Ripple, RAM, ROM
2 LUT4s and 2 Registers
Logic, Ripple, ROM
Slice 3
2 LUT4s
Logic, ROM
2 LUT4s
Logic, ROM
Slice 0
LUT4 &
CARRY
LUT4 &
CARRY
D
D
Slice 1
LUT4 &
CARRY
LUT4 &
CARRY
Slice 2
LUT4 &
CARRY
LUT4 &
CARRY
From
Routing
To
Routing
Slice 3
LUT4
LUT4
D
D
D
D
FF
FF
FF
FF
FF
FF


유사한 부품 번호 - LFE26SE-5F900I

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

유사한 설명 - LFE26SE-5F900I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LFSC LATTICE-LFSC Datasheet
2Mb / 237P
   LatticeSC/M Family Data Sheet
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com