전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC4256B-3FN256AC1 데이터시트(PDF) 6 Page - Lattice Semiconductor

부품명 LC4256B-3FN256AC1
상세설명  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-3FN256AC1 데이터시트(HTML) 6 Page - Lattice Semiconductor

Back Button LC4256B-3FN256AC1 Datasheet HTML 2Page - Lattice Semiconductor LC4256B-3FN256AC1 Datasheet HTML 3Page - Lattice Semiconductor LC4256B-3FN256AC1 Datasheet HTML 4Page - Lattice Semiconductor LC4256B-3FN256AC1 Datasheet HTML 5Page - Lattice Semiconductor LC4256B-3FN256AC1 Datasheet HTML 6Page - Lattice Semiconductor LC4256B-3FN256AC1 Datasheet HTML 7Page - Lattice Semiconductor LC4256B-3FN256AC1 Datasheet HTML 8Page - Lattice Semiconductor LC4256B-3FN256AC1 Datasheet HTML 9Page - Lattice Semiconductor LC4256B-3FN256AC1 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
6
Product Term Allocator
The product term allocator assigns product terms from a cluster to either logic or control applications as required
by the design being implemented. Product terms that are used as logic are steered into a 5-input OR gate associ-
ated with the cluster. Product terms that used for control are steered either to the macrocell or I/O cell associated
with the cluster. Table 3 shows the available functions for each of the five product terms in the cluster. The OR gate
output connects to the associated I/O cell, providing a fast path for narrow combinatorial functions, and to the logic
allocator.
Table 3. Individual PT Steering
Cluster Allocator
The cluster allocator allows clusters to be steered to neighboring macrocells, thus allowing the creation of functions
with more product terms. Table 4 shows which clusters can be steered to which macrocells. Used in this manner,
the cluster allocator can be used to form functions of up to 20 product terms. Additionally, the cluster allocator
accepts inputs from the wide steering logic. Using these inputs, functions up to 80 product terms can be created.
Table 4. Available Clusters for Each Macrocell
Wide Steering Logic
The wide steering logic allows the output of the cluster allocator n to be connected to the input of the cluster alloca-
tor n+4. Thus, cluster chains can be formed with up to 80 product terms, supporting wide product term functions
and allowing performance to be increased through a single GLB implementation. Table 5 shows the product term
chains.
Product Term
Logic
Control
PT
n
Logic PT
Single PT for XOR/OR
PT
n+1
Logic PT
Individual Clock (PT Clock)
PT
n+2
Logic PT
Individual Initialization or Individual Clock Enable (PT Initialization/CE)
PT
n+3
Logic PT
Individual Initialization (PT Initialization)
PT
n+4
Logic PT
Individual OE (PTOE)
Macrocell
Available Clusters
M0
C0C1C2
M1
C0
C1
C2
C3
M2
C1
C2
C3
C4
M3
C2
C3
C4
C5
M4
C3
C4
C5
C6
M5
C4
C5
C6
C7
M6
C5
C6
C7
C8
M7
C6
C7
C8
C9
M8
C7
C8
C9
C10
M9
C8
C9
C10
C11
M10
C9
C10
C11
C12
M11
C10
C11
C12
C13
M12
C11
C12
C13
C14
M13
C12
C13
C14
C15
M14
C13
C14
C15
M15
C14
C15


유사한 부품 번호 - LC4256B-3FN256AC1

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC4256B-3F256AC LATTICE-LC4256B-3F256AC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-3F256BC LATTICE-LC4256B-3F256BC Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

유사한 설명 - LC4256B-3FN256AC1

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com