전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC5256MV-4FN672I 데이터시트(PDF) 6 Page - Lattice Semiconductor

부품명 LC5256MV-4FN672I
상세설명  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5256MV-4FN672I 데이터시트(HTML) 6 Page - Lattice Semiconductor

Back Button LC5256MV-4FN672I Datasheet HTML 2Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 3Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 4Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 5Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 6Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 7Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 8Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 9Page - Lattice Semiconductor LC5256MV-4FN672I Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
6
AND-Array
The programmable AND-Array consists of 68 inputs and 164 output product terms. The 68 inputs from the GRP are
used to form 136 lines in the AND-Array (true and complement of the inputs). Each line in the array can be con-
nected to any of the 164 output product terms via a wired AND. Each of the 160 logic product terms feed the Dual-
OR Array with the remaining four control product terms feeding the Shared PT Clock, Shared PT Clock Enable,
Shared PT Reset and Shared PT OE. Starting with PT0 sets of five product terms form product term clusters.
There is one product term cluster for every macrocell in the MFB. In addition to the four control product terms, the
first, third, fourth and fifth product terms of each cluster can be used as a PTOE, PT Clock, PT Preset and PT
Reset, respectively. Figure 5 is a graphical representation of the AND-Array.
Figure 5. AND Array
Dual-OR Array (Including Arithmetic Support)
The Dual-OR Array consists of 64 OR gates. There are two OR gates per macrocell in the MFB. These OR gates
are referred to as the Expandable PTSA OR gate and the PTSA-Bypass OR gate. The PTSA-Bypass OR gate
receives its five inputs from the combination of product terms associated with the product term cluster. The PTSA-
Bypass OR gate feeds the macrocell directly for fast narrow logic. The Expandable PTSA OR gate receives five
inputs from the combination of product terms associated with the product term cluster. It also receives an additional
input from the Expanded PTSA OR gate of the N-7 macrocell, where N is the number of the macrocell associated
with the current OR gate. The Expandable PTSA OR gate feeds the PTSA for sharing with other product terms and
the N+7 Expandable PTSA OR gate. This allows cascading of multiple OR gates for wide functions. There is a
small timing adder for each level of expansion. Figure 6 is a graphical representation of the Dual-OR Array.
The Dual-OR PT sharing array also contains logic to aid in the efficient implementation of arithmetic functions. This
logic takes Carry In and allows the generation of Carry Out along with a SUM signal. Subtractors can be imple-
mented using the two’s complement method. Carry is propagated from macrocells 0 to macrocell 31. Macrocell
zero can have its carry input connected to the carry output of macrocell 31 in an adjacent MFB or it can be set to
zero or one. If a macrocell is not used in an arithmetic function carry can bypass it. The carry chain flows is the
same as that for PT cascading.
PT0
PT1
Cluster 0
PT2
PT3
PT4
In[0]
In[66]
In[67]
Note:
Indicates programmable fuse.
PT160 Shared clock enable
PT162
PT163
Shared reset
Shared OE
PT156
PT157
PT158
PT159
PT155
Cluster 31
PT161 Shared clock


유사한 부품 번호 - LC5256MV-4FN672I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-4F256C LATTICE-LC5256MC-4F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-5F256C LATTICE-LC5256MC-5F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC-75F256C LATTICE-LC5256MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

유사한 설명 - LC5256MV-4FN672I

제조업체부품명데이터시트상세설명
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com